Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 49Page - Texas Instruments TUSB422 Datasheet HTML 50Page - Texas Instruments TUSB422 Datasheet HTML 51Page - Texas Instruments TUSB422 Datasheet HTML 52Page - Texas Instruments TUSB422 Datasheet HTML 53Page - Texas Instruments TUSB422 Datasheet HTML 54Page - Texas Instruments TUSB422 Datasheet HTML 55Page - Texas Instruments TUSB422 Datasheet HTML 56Page - Texas Instruments TUSB422 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
53
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.53 VBUS Voltage Alarm High Config Byte 0 Register (address = 0x76) [reset = 0x00]
This register contains the lower 8 bits of the 10-bit VBUS Voltage Alarm High Configuration register. When
DISABLE_VOLTAGE_ALARMS = 1’b0, a VBUS voltage higher than value programmed into this register will
cause VBUS_ALARM_HI alert flag to get set. This threshold is always enabled. SW needs to program to a value
greater than VBUS to prevent VBUS_ALARM_HI alert from continuously being set.
Figure 61. VBUS Voltage Alarm High Config Byte 0 Register
7
6
5
4
3
2
1
0
VBUS_ALARM_HIGH_THRESHOLD[7:0]
RW
LEGEND: R/W = Read/Write; R = Read only
Table 58. VBUS Voltage Alarm High Config Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7:0
ReservedVBUS_ALARM_HIGH_TH
RESHOLD[7:0]
RW
0x00
10-bit for voltage threshold with 25 mV LSB. ±5% accuracy.
7.6.54 VBUS Voltage Alarm High Config Byte 1 Register (address = 0x77) [reset = 0x00]
This register contains the upper two bits of the 10-bit VBUS Voltage Alarm High Configuration register. When
DISABLE_VOLTAGE_ALARMS = 1’b0, a VBUS voltage higher than value programmed into this register will
cause VBUS_ALARM_HI alert flag to get set. This threshold is always enabled. SW needs to program to a value
greater than VBUS to prevent VBUS_ALARM_HI alert from continuously being set.
Figure 62. VBUS Voltage Alarm High Config Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_ALARM_HIGH_THRESH
OLD[9:8]
R
RW
LEGEND: R/W = Read/Write; R = Read only
Table 59. VBUS Voltage Alarm High Config Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
0x00
Reserved
1:0
VBUS_ALARM_HIGH_THRESHOL
D[9:8]
RW
0x00
10-bit for voltage threshold with 25 mV LSB. ±5% accuracy.
7.6.55 VBUS Voltage Alarm Low Config Byte 0 Register (address = 0x78) [reset = 0x00]
This register contains the lower 8 bits of the 10-bit VBUS Voltage Alarm Low Configuration register. When
DISABLE_VOLTAGE_ALARMS = 1’b0, a VBUS voltage lower than value programmed into this register will
cause VBUS_ALARM_LO alert flag to get set.
Figure 63. VBUS Voltage Alarm Low Config Byte 0 Register
7
6
5
4
3
2
1
0
VBUS_ALARM_LOW_THRESHOLD[7:0]
RW
LEGEND: R/W = Read/Write; R = Read only
Table 60. VBUS Voltage Alarm Low Config Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7:0
VBUS_ALARM_LOW_THRESHOL
D[7:0]
RW
0x00
10-bit for voltage threshold with 25 mV LSB. ±5% accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com