Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 7Page - Texas Instruments TUSB422 Datasheet HTML 8Page - Texas Instruments TUSB422 Datasheet HTML 9Page - Texas Instruments TUSB422 Datasheet HTML 10Page - Texas Instruments TUSB422 Datasheet HTML 11Page - Texas Instruments TUSB422 Datasheet HTML 12Page - Texas Instruments TUSB422 Datasheet HTML 13Page - Texas Instruments TUSB422 Datasheet HTML 14Page - Texas Instruments TUSB422 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
11
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Functional Block Diagram (continued)
7.2.1 Cables, Adapters, and Direct Connect Devices
Type-C Specification 1.2 defines several cables, plugs and receptacles to be used to attach ports. TUSB422
supports all cables, receptacles, and plugs.
7.2.1.1 USB Type-C receptacles and Plugs
•
USB Type-C receptacle for USB2.0 and USB3.1 and full-featured platforms and devices
•
USB Full-Featured Type-C plug
•
USB2.0 Type-C Plug
7.2.1.2 USB Type-C Cables
•
USB Full-featured Type-C cable with USB3.1 full featured plug
•
USB2.0 Type-C cable with USB2.0 plug
•
Captive cable with either a USB Full featured plug or USB2.0 plug
7.2.1.3 Direct Connect Devices
TUSB422 supports the attaching and detaching of a direct connect device such as a cradle dock or captive
cable.
7.3 Feature Description
7.3.1 USB PD I2C Type-C Port Controller Interface (TCPC)
The TUSB422 provides up to 1Mbps I2C USB Type-C Port Controller Interface (TCPC) interface and register set
allowing for control by external processor. The TUSB422 implements the following optional TCPC features.
•
Up to 24 V VBUS Measurement and Alarms
•
Default, 1.5 A, and 3 A Source Resistor (Rp) advertisement
•
Source VCONN
•
VCONN overcurrent fault detection
7.3.2 USB PD BMC PHY
The TUSB422 contains a USB Power Delivery BMC (Bi-phase Mark coded) Baseband phy. The TCPM can
enable the TUSB422’s USB PD BMC phy for any of the following conditions when the TUSB422 is in
Attached.SNK, Attach.SRC, DebugAccessory, or PoweredAccessory state:
•
Receiver Detect Register is non-zero
The USB PD phy will always be disabled when the TUSB422 is in the unattached mode.
The TUSB422 PD BMC phy receiver threshold will be set based on the value of the POWER_ROLE field in the
Message Header Info register. The default receiver threshold can be changed by setting the VIX_PD and
VIX_PD_OVERRIDE fields in the PHY BMC RX Control register.
Table 1. Power Role
POWER-ROLE
VIH
VIL
0
VIH(PD_SRC)
VIL(PD_SRC)
1
VIH(PD_SNK)
VIL(PD_SNK)
7.3.3 DFP (Downstream Facing Port)
The TUSB422 can be used in applications in which USB devices are connected too. For example, in a desktop
application the Type-C port(s) must be able to determine when a device is attached and enable both power (in
the form of VBUS) and datapath (either USB data and/or Alternate Mode data like DisplayPort) to attached
device. The TUSB422 can be used in a DFP application by programming the Role Control register to 0x05. This
presents Rp on both of TUSB422 CC pins. When configured as a DFP, the TUSB422 can be used to control the
sourcing of VCONN. Control of VBUS source path must be handled outside of the TUSB422.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com