Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 55Page - Texas Instruments TUSB422 Datasheet HTML 56Page - Texas Instruments TUSB422 Datasheet HTML 57Page - Texas Instruments TUSB422 Datasheet HTML 58Page - Texas Instruments TUSB422 Datasheet HTML 59Page - Texas Instruments TUSB422 Datasheet HTML 60Page - Texas Instruments TUSB422 Datasheet HTML 61Page - Texas Instruments TUSB422 Datasheet HTML 62Page - Texas Instruments TUSB422 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
59
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.64 OTSD Control Register (address = 0x99) [reset = 0x00]
Figure 72. OTSD Control Register
7
6
5
4
3
2
1
0
Reserved
OTSD_RAW_S
TATUS
Reserved
OTSD_EN
R
RU
R
RW
LEGEND: R/W = Read/Write; R = Read only
Table 69. OTSD Control Register Descriptions
Bit
Field
Type
Reset
Description
7:5
Reserved
R
0
Reserved
4
OTSD_RAW_STATUS
RU
0
This field represents the raw status of the OTSD.
3:1
Reserved
R
0
Reserved
0
OTSD_EN
RW
0
0b: Disabled
1b: Enabled
7.6.65 LFO Timer Low Register (address = 0xA0) [reset = 0x00]
The value programmed into 16-bit LFP timer will not get applied until LFO Timer High register is written. The
value of this register will always return the value written to it; and therefore, after the timer is enabled this register
will not reflect the actual LFP timer value.
Figure 73. LFO Timer Low Register
7
6
5
4
3
2
1
0
LFO_TIMER_LO
RW
LEGEND: R/W = Read/Write; R = Read only
Table 70. LFO Timer Low Register Descriptions
Bit
Field
Type
Reset
Description
7:0
LFO_TIMER_LO
RW
0x00
Lower 8-bits of the 16-bit LFO Timer. When LFO timer is set to a
non-zero value, the timer is enabled and start counting to zero.
Upon reaching zero, the LFO_TIMER_STAT flag is set. Timer
can be disabled by programming LFP_TIMER to zero. LSB is
1000 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com