Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 8Page - Texas Instruments TUSB422 Datasheet HTML 9Page - Texas Instruments TUSB422 Datasheet HTML 10Page - Texas Instruments TUSB422 Datasheet HTML 11Page - Texas Instruments TUSB422 Datasheet HTML 12Page - Texas Instruments TUSB422 Datasheet HTML 13Page - Texas Instruments TUSB422 Datasheet HTML 14Page - Texas Instruments TUSB422 Datasheet HTML 15Page - Texas Instruments TUSB422 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
12
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Upon enabling TUSB422 for DFP, the TUSB422 will continuously monitor both CC1 and CC2 for a connection.
After a connection has been determined, the TUSB422 will notify system of event by asserting the INT_N pin
low. Upon detecting assertion of INT_N, the external microprocessor should read and clear the appropriate Alert
registers.
The following steps are for initialization of the TUSB422 for DFP operation.
1. Upon TUSB422 power-up, the Power Status flag in Alert Register should get set indicating TUSB422 is
initialized. When set, this flag will cause the INT_N pin to be assert low.
2. SW read the Alert Registers to determine reason for INT_N assertion. The expectation is Power Status bit
(Reg10h bit 1) is set.
3. SW read Power Status register and notice that TCPC_INIT_STATUS flag is cleared. This indicates TUSB422
is ready.
4. SW clear Power Status bit in Alert register by writing a 1’b1 to the bit.
5. Program the TUSB422 to present Rp on both CC pins. This is done by writing 0x05 to the Role Control
register. If advertising greater than default Type-C current is desired, then write 0x15 for 1.5 A current or
0x25 for 3 A current advertisement
6. Write Look4Connection command to the Command register.
7. The TUSB422 now presents Rp on both CC pins and look for a connection.
NOTE
Because TUSB422 supports Dead Battery Mode, a dedicated DFP application (like a Car
Charger) which uses the TUSB422 should incorporate a diode in the source power path
circuitry to block VBUS from being received by another attached DFP/DRP that is
providing VBUS.
7.3.4 UFP (Upstream Facing Port)
A UFP is a port that will present Rd on its CC pins and sink VBUS. The TUSB422 functions as a UFP by
programming the Role Control register to 0x0A. This will cause TUSB422 to present a Rd on both CC pins.
The following steps are for initialization of the TUSB422 for DFP operation.
1. Upon TUSB422 power-up, the Power Status flag in Alert Register should get set indicating TUSB422 is
initialized. When set, this flag will cause the INT_N pin to be assert low.
2. SW read the Alert Registers to determine reason for INT_N assertion. The expectation is Power Status bit
(Reg10h bit 1) is set.
3. SW read Power Status register and notice that TCPC_INIT_STATUS flag is cleared. This indicates TUSB422
is ready.
4. SW clear Power Status bit in Alert register by writing a 1’b1 to the bit.
5. Program the TUSB422 to present Rd on both CC pins. This is done by writing 0x0A to the Role Control
register
6. Write Look4Connection command to the Command register.
7. The TUSB422 now presents Rd on both CC pins and look for a connection.
7.3.5 DRP (Dual-Role Port)
A Dual-Role port functions as both a DFP and a UFP. The TUSB422 supports DRP either autonomously or
manually. In autonomous DRP mode, the TUSB422 state machine toggles between UFP (Rd) and DFP (Rp) on
both its CC pins. Autonomous DRP is enabled by programming Role Control register to 0x4A and writing
Looking4Connection command to the Command register. Manual mode is under complete control of external
processor. External processor must toggle between writing 0x0A and 0x05 to Role Control register at interval
defined by Type-C specification summarized in Table 2.
Table 2. USB Type-C DRP Toggle Requirements
PARAMETER
MIN
MAX
DESCRIPTION
tDRP
50 ms
100 ms
The period a DRP shall complete a Source (Rp) to Sink (Rd) and back
advertisement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com