Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 12Page - Texas Instruments TUSB422 Datasheet HTML 13Page - Texas Instruments TUSB422 Datasheet HTML 14Page - Texas Instruments TUSB422 Datasheet HTML 15Page - Texas Instruments TUSB422 Datasheet HTML 16Page - Texas Instruments TUSB422 Datasheet HTML 17Page - Texas Instruments TUSB422 Datasheet HTML 18Page - Texas Instruments TUSB422 Datasheet HTML 19Page - Texas Instruments TUSB422 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
16
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2 Active Mode
The TUSB422 is in the Active mode when either CC1_STATE field or CC2_STATE field in the CC Status register
are non-zero, the TCPM has completed the required Type-C debounce of CC pins, and the TCPM has set the
AUTO_DISCHARGE_DISCONNECT in the Power Control register. In active mode, all IOs are operational, and
VCONN is available for an active cable. The USB PD phy can be enabled in this mode by setting the Receiver
Detect Register to a non-zero value. The USB PD BMC PHY functionality can only be used if the TUSB422 is in
any of the following active states: Attached.SRC, Attached.SNK, DebugAccessory, or PoweredAccessory. Use of
TUSB422 USB PD BMC PHY in any other active state is not permitted.
7.4.3 Power Role Swap
Upon entering the active mode, the power provider and consumer is determined by whether or not TUSB422 is
presenting a Rp or a Rd on CC pins. If TUSB422 is presenting a Rp, then TUSB422 is a power provider. If
TUSB422 is presenting a Rd, then TUSB422 is a power consumer. Once in the active mode, it may become
necessary change power role through performing a power role swap. Key requirements for performing a power
role swap by the software are listed below. For additional details on power role swap, consult the USB PD
specification.
Transition from power provider to power consumer:
1. TCPM state machine needs to transition from Attached.SRC to Attached.SNK.
2. Disable VBUS source. TCPM should send DisableSourceVbus command to TUSB422 Command register.
3. Once VBUS is at vSafe0V, change Role Control register to present a Rd.
4. Upon reception of PS_RDY message from port partner, update message header information and send
PS_RDY back to port partner.
5. Enable Sink VBUS and VBUS presence detection. TCPM should send SinkVbus and EnableVbusDetect
commands to TUSB422 Command register.
Transition from power consumer to power provider:
1. Disable AUTO_DISCHARGE_DISCONNECT in the Power Control register
2. Disable VBUS presence detection. TCPM should send DisableVbusDetect command to TUSB422 Command
register.
3. Disable system sink VBUS. TCPM should also send DisableSinkVbus command to TUSB422 Command
register.
4. TCPM state machine needs to transition from Attached.SNK to Attached.SRC.
5. Upon reception of PS_RDY message from port partner, change Role Control register to present a Rp.
6. Enable system source VBUS. TCPM should send SourceVbusDefaultVoltage command to TUSB422
Command register.
7. Once VBUS is at vSafe5V, the TCPM should then send PS_RDY to its port partner.
8. Upon successful completion of power-role swap, enable AUTO_DISCHARGE_DISCONNECT in the Power
Control register
7.4.4 Debug Accessory
A Debug accessory is a device which presents Rd on both of TUSB422 CC pins or Rp on both of TUSB422 CC
pins. The TUSB422 upon detecting either of these two conditions on its CC pins performs the required Type-C
debounce.
If
either
condition
is
still
present
at
end
of
the
debounce,
the
TUSB422
sets
the
DEBUG_ACC_CONNECTED bit in the Power Status Register.
The TCPM is required to determine cable orientation by reading the CC1_STATE and CC2_STATE in the CC
Status register and writing the orientation to the PLUG_ORIENTATION bit in the TCPC Control register.
Table 3. DebugAccessory Attached as a Sink
CC1_STATE
CC2_STATE
TCPM Writes to PLUG_ORIENTATION bit
2’b10 (Rd)
2’b01 (Ra)
1’b0. PD communication over CC1
2’b01 (Ra)
2’b10 (Rd)
1’b1. PD communication over CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com