Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 34Page - Texas Instruments TUSB422 Datasheet HTML 35Page - Texas Instruments TUSB422 Datasheet HTML 36Page - Texas Instruments TUSB422 Datasheet HTML 37Page - Texas Instruments TUSB422 Datasheet HTML 38Page - Texas Instruments TUSB422 Datasheet HTML 39Page - Texas Instruments TUSB422 Datasheet HTML 40Page - Texas Instruments TUSB422 Datasheet HTML 41Page - Texas Instruments TUSB422 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
38
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.26 Power Status Register (address = 0x1E) [reset = 0x00]
Figure 34. Power Status Register
7
6
5
4
3
2
1
0
DEBUG_ACC_
CONNECTED
TCPC_INIT_ST
ATUS
SOURCING_HI
GH_VOLTAGE
SOURCING_V
BUS
VBUS_PRES_
DETECT_ENA
BLED
VBUS_PRESE
NT
VCONN_PRES
ENT
SINKING_VBU
S
RU
RU
RU
RU
RU
RU
RU
RU
LEGEND: R/W = Read/Write; R = Read only
Table 31. Power Status Register Descriptions
Bit
Field
Type
Reset
Description
7
DEBUG_ACC_CONNECTED
RU
0
0b: No Debug Accessory connected (default)
1b: Debug Accessory connected
Reflects the state of the DebugAccessoryConnected# output if
supported. Even though the TUSB422 doesn’t have a debug
accessory pin, TUSB422will set this flag to 1 if a debug
accessory is detected.
6
TCPC_INIT_STATUS
RU
0
0b: The TUSB422 has completed initialization and all registers
are valid.
1b: The TUSB422 is still performing internal initialization and the
only registers that are guaranteed to return the correct values
are 00h..0Fh.
The TUSB422 will never set this flag so software needs to be
aware at power-up one reason for INT_N assertion is TUSB422
has completed its initialization.
5
SOURCING_HIGH_VOLTAGE
RU
0
0b: vSafe5V
1b: High Voltage
This does not control the path, just provides a monitor of the
status. Assert as long as supplying voltage greater than
vSafe5V.
4
SOURCING_VBUS
RU
0
0b: Sourcing VBUS is disabled
1b: Sourcing VBUS is enabled
This does not control the path, just provides a monitor of the
status.
3
VBUS_PRES_DETECT_ENABLED
RU
0
0b: VBUS Present Detection Disabled (Default)
1b: VBUS Present Detection Enabled
Indicates if the TUSB422 is monitoring for VBUS Present or if
the circuit has been powered off
2
VBUS_PRESENT
RU
0
0b: VBUS Disconnected
1b: VBUS Connected
The TUSB422 shall report VBUS present when TUSB422
detects VBUS rises above 4 V. The TUSB422 shall report VBUS
is not present when TUSB422 detects VBUS falls below 3.5 V.
The TUSB422 may report VBUS is not present if VBUS is
between 3.5 V and 4 V. When this field transitions from 1 to 0,
VBUS Sink Disconnect Threshold field is all zeros, and Auto
Discharge is enabled, the TUSB422 will discharge to vSafe0V.
1
VCONN_PRESENT
RU
0
0b: VCONN is not present
1b: This bit is asserted when VCONN present CC1 or CC2.
Threshold is fixed at 2.4 V
0
SINKING_VBUS
RU
0
0b: Sink is Disconnected
1b: TUSB422 is sinking VBUS to the system load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com