Electronic Components Datasheet Search
  English  ▼

X  

TUSB422 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 44Page - Texas Instruments TUSB422 Datasheet HTML 45Page - Texas Instruments TUSB422 Datasheet HTML 46Page - Texas Instruments TUSB422 Datasheet HTML 47Page - Texas Instruments TUSB422 Datasheet HTML 48Page - Texas Instruments TUSB422 Datasheet HTML 49Page - Texas Instruments TUSB422 Datasheet HTML 50Page - Texas Instruments TUSB422 Datasheet HTML 51Page - Texas Instruments TUSB422 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
48
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.37 Receive Byte Count Register (address = 0x30) [reset = 0x00]
The TUSB422 clears this field to 0x00 upon reception or transmission of a Hard Reset ordered set or after a
disconnection is detected. The TUSB422 will also clear this field to 0x00 after the RX_SOP_STATUS bit in Alert
register is cleared. Software will use this register to determine the numbers of bytes in the Receiver Buffer Data
object.
Figure 45. Receive Byte Count Register
7
6
5
4
3
2
1
0
RECEIVE_BYTE_COUNT
RU
LEGEND: R/W = Read/Write; R = Read only
Table 42. Receive Byte Count Register Descriptions
Bit
Field
Type
Reset
Description
7:0
RECEIVE_BYTE_COUNT
RU
0x00
Indicates number of bytes in this register that are not stale. The
TCPM should read the first RECEIVE_BYTE_COUNT bytes in
this register. This is the number of bytes in the
RX_BUFFER_DATA_OBJECTS plus three (for the
RX_BUF_FRAME_TYPE and RX_BUF_HEADER).
7.6.38 Receive Buffer Frame Type Register (address = 0x31) [reset = 0x00]
Figure 46. Receive Buffer Frame Type Register
7
6
5
4
3
2
1
0
Reserved
RX_SOP_MESSAGE
R
RU
LEGEND: R/W = Read/Write; R = Read only
Table 43. Receive Buffer Frame Type Register Descriptions
Bit
Field
Type
Reset
Description
7:3
Reserved
R
0x00
Shall be set to zero by sender and ignored by receiver
2:0
RX_SOP_MESSAGE
RU
0x0
000b: Received SOP
001b: Received SOP'
010b: Received SOP''
011b: Received SOP_DBG’
100b: Received SOP_DBG’’
110b: Received Cable Reset
All others are reserved.
7.6.39 Receive Buffer Header Byte 0 Register (address = 0x32) [reset = 0x00]
Figure 47. Receive Buffer Header Byte 0 Register
7
6
5
4
3
2
1
0
RX_BUF_HDR_BYTE_0
RU
LEGEND: R/W = Read/Write; R = Read only
Table 44. Receive Buffer Header Byte 0 Descriptions
Bit
Field
Type
Reset
Description
7:0
RX_BUF_HDR_BYTE_0
RU
0x00
Byte 0 (bits 7:0) of USB PD message header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com