Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 12Page - Sharp Corporation LH155BA Datasheet HTML 13Page - Sharp Corporation LH155BA Datasheet HTML 14Page - Sharp Corporation LH155BA Datasheet HTML 15Page - Sharp Corporation LH155BA Datasheet HTML 16Page - Sharp Corporation LH155BA Datasheet HTML 17Page - Sharp Corporation LH155BA Datasheet HTML 18Page - Sharp Corporation LH155BA Datasheet HTML 19Page - Sharp Corporation LH155BA Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16
LH155BA
2.4.3. ICON DISPLAY MODE
This mode enables 2 output pins for icon display
and this mode can display 1 icon.
Source are VDD and VSS. Since this mode is
independent of other mode completely, when using
this mode, lower power operation is possible.
Waveform of this mode is below.
To display, use internal clock or external clock.
When using external clock, input clock pulse to
EXA pin (120 Hz : Duty 50%).
When using icon display and segment display,
input 500 Hz, duty 50% pulse.
ICON1
VDD
VDD
ICON2
VSS
VSS
2.5. Display Starting Line Register
This register is for determining display starting line
(usually the most upper line) corresponding to
COM0 when displaying the display data RAM.
The register is also used in picture-scrolling.
The 6-bit display starting address is set in this
register by display starting line setting command.
The register is preset every timing of FLM signal
variation in the display line counter. The line
counter counts up being synchronized with LP input
and generates line addresses which sequentially
read out 128-bit data from display RAM to LCD
drive circuit.
2.6. Addressing of Display RAM
Display RAM consists of 128 x 64 bits memory,
and enables access in 8-bit unit to an address
specified by X address and Y address from MPU.
It is possible to set up the addresses X and Y so
that they can increment automatically with the
address control register. The increment is made
every time display RAM is read or written from
MPU. (See Section 4. "COMMAND FUNCTION".)
Though the X direction side is selected by X
address while the Y direction side by Y address,
10H-FFH in the X address are inhibited and do not
have the X address set in these addresses.
In the Y direction side, the 128-bit display data are
internally read into the display data latch circuit at
the rising of LP every one line cycle, and are output
from the display data latch circuit at the falling of LP.
43H-FFH in the Y address are inhibited and do not
have the Y address set in these addresses.
When FLM signals being output in one frame cycle
are at "H", the value in the display starting line
register are preset in the line counter and the line
counter counts up at the falling of LP signals.
The display line address counter is synchronized
with each timing signal of the LCD system to
operate and is independent of address counters X
and Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com