Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 22 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 22 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 18Page - Sharp Corporation LH155BA Datasheet HTML 19Page - Sharp Corporation LH155BA Datasheet HTML 20Page - Sharp Corporation LH155BA Datasheet HTML 21Page - Sharp Corporation LH155BA Datasheet HTML 22Page - Sharp Corporation LH155BA Datasheet HTML 23Page - Sharp Corporation LH155BA Datasheet HTML 24Page - Sharp Corporation LH155BA Datasheet HTML 25Page - Sharp Corporation LH155BA Datasheet HTML 26Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
LH155BA
22
2.18. Booster Circuit
Setting BS register, booster circuit multiple can be
selected. Placing capacitor C1 across CAP+ and
CAP–, across VEE2 and VSS, across VEE3 and VSS
and across VOUT and VSS boosts four times.
Placing capacitor C1 across CAP+ and CAP–,
across VEE2 and VSS, across VOUT and VSS, and
setting VEE3 to NC when boosting three times.
Placing C1 across CAP+ and CAP–, across VOUT
and VSS, and setting VEE2 and VEE3 to NC when
boosting two times.
The boosted voltage is output to VOUT pin.
Since the booster circuit uses the clock derived
from the internal oscillation circuit or external clock
as the boosting clock, the internal oscillation circuit
must be enabled, or if external clock is selected, it
must be fed to CK pin.
The output level at the VOUT pin does not exceed
the recommended maximum operating voltage
(14.0 V) when the voltage is boosted. If this value
is exceeded, the operation of the LH155BA is not
covered by warranty.
When boosting four times and three times,
placement of capacitor is as shown below.
VEE = 1.8 V
VSS = 0 V
VOUT = 5.4 V
When Boosted Three Times
VEE = 1.8 V
VSS = 0 V
VOUT = 7.2 V
When Boosted Four Times
CAP+
CAP–
VEE2
VEE3
VOUT
When Boosted Four Times
CAP+
CAP–
VEE2
VEE3
VOUT
When Boosted Three Times
If charge up of LCD drive voltage is not successful,
check
capacity,
voltage
dependency
and
temperature characteristics of external capacitor,
and select appropriate device. When charge up is
unsuccessful, it is advisable to charge up LCD drive
voltage step by step (x 2, x 3, x 4) by inputting
software from external microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com