| Electronic Components Datasheet Search |
|
LH155BA Datasheet(PDF) 28 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LH155BA Datasheet(HTML) 28 Page - Sharp Corporation |
|
28 / 51 page ![]() LH155BA 28 (At the time of reset : AY3 to AY0 = 0H, read address : 2H) 4.5. Y Address Register Set * mark means "Don't care". (At the time of reset : AY6 to AY4 = 0H, read address : 3H) Addresses of display RAM's Y direction are set. In data-setting, lower place and upper place are divided with 4 bits and 3 bits respectively. When data are set, lower place should be set first and upper place should be set second. The values of AY6 to AY0 are usable up to 00H- 42H, but 43H-FFH are inhibited. The addresses of 40H to 42H are for the segment display RAM. (At the time of reset : LA3 to LA0 = 0H, read address : 4H) 4.6. Display Starting Line Register Set * mark means "Don't care". (At the time of reset : LA5, LA4 = 0H, read address : 5H) The display line address is required to designate, and the designated address becomes the display line of COM0. The display of LCD is displayed from the designated display starting line address to the increment direction of the line address. LA3 LA2 LA1 LA0 LINE ADDRESS 0 1 | 63 0 0 | 1 0 0 1 0 0 1 0 1 1 0 0 1 LA4 0 0 1 LA5 D0 D1 D2 D3 D4 D5 D6 D7 0 0 1 0 AY3 AY2 AY1 AY0 D0 D1 D2 D3 D4 D5 D6 D7 0 0 1 1 * AY6 AY5 AY4 D0 D1 D2 D3 D4 D5 D6 D7 0 1 0 0 LA3 LA2 LA1 LA0 D0 D1 D2 D3 D4 D5 D6 D7 0 1 0 1 * * LA5 LA4 CSB RE RDB WRB RS 1010 0 CSB RE RDB WRB RS 1010 0 CSB RE RDB WRB RS 1010 0 CSB RE RDB WRB RS 1010 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |