Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 25 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 25 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 21Page - Sharp Corporation LH155BA Datasheet HTML 22Page - Sharp Corporation LH155BA Datasheet HTML 23Page - Sharp Corporation LH155BA Datasheet HTML 24Page - Sharp Corporation LH155BA Datasheet HTML 25Page - Sharp Corporation LH155BA Datasheet HTML 26Page - Sharp Corporation LH155BA Datasheet HTML 27Page - Sharp Corporation LH155BA Datasheet HTML 28Page - Sharp Corporation LH155BA Datasheet HTML 29Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
25
LH155BA
2.23. Initialization
The LH155BA is initialized by setting RESB pin to "L".
Normally, RESB pin is initialized together with MPU
by connecting to the reset pin of MPU.
When power is ON, be sure to reset operation.
3. PRECAUTIONS
Precautions when connecting or disconnecting
the power supply
This IC may be permanently damaged by a high
current which may flow if voltage is supplied to the
LCD drive power supply while the logic system
power supply is floating. The details are as follows.
q When using an external power supply
ø When connecting the power supply
After connecting the logic system power supply,
make reset operation and then apply external
LCD drive voltages to corresponding pins. (V0,
V1, V2, V3, V4 or VOUT, VR1 and VR2)
ø When disconnecting the power supply
After executing HALT command, disconnect
external LCD drive voltages and then disconnect
the logic system power supply.
w When using the internal power supply
ø When connecting the power supply
After connecting the logic system power supply,
make reset operation and then execute PON
command.
ø When disconnecting the power supply
After executing HALT command, disconnect the
logic system power supply.
It is advisable to connect the serial resistor (50 to
100 $) or fuse to the LCD drive power VOUT or V0
of the system as a current limiter. Set up a suitable
value of the resistor in consideration of the display
grade.
PARAMETER
INITIAL STATE
Display RAM
Not fixed
X-address
00H set
Y-address
00H set
Display starting line
Set at the first line (0H)
Display ON/OFF
Display OFF
Display normal/reverse
Normal
Display duty
1/64
n-line alternating
Every frame unit
Common shift direction
COM0/COM63
Increment mode
Increment OFF
REF mode
Normal
Data SWAP mode
OFF
Register in electronic volume
(1, 1, 1, 1)
Power supply
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com