Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 17 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 13Page - Sharp Corporation LH155BA Datasheet HTML 14Page - Sharp Corporation LH155BA Datasheet HTML 15Page - Sharp Corporation LH155BA Datasheet HTML 16Page - Sharp Corporation LH155BA Datasheet HTML 17Page - Sharp Corporation LH155BA Datasheet HTML 18Page - Sharp Corporation LH155BA Datasheet HTML 19Page - Sharp Corporation LH155BA Datasheet HTML 20Page - Sharp Corporation LH155BA Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
LH155BA
17
2.7. Display RAM Data and LCD
One bit of display RAM data corresponds to one
dot of LCD. Normal display and reverse display by
REV register are set up as follows.
• Normal display (REV = 0) :
RAM data = "0"; not lighted
RAM data = "1"; lighted
• Reverse display (REV = 1) :
RAM data = "0"; lighted
RAM data = "1"; not lighted
2.8. Segment Display Output Order/
Reverse Set Up
The order of display outputs, SEG0 to SEG127 can
be reversed by reversing access to display RAM
from MPU by using REF register, to lessen the
limitation on placing IC when composing an LCD
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com