Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 5 Page - Sharp Corporation

  LH155BA Datasheet HTML 1Page - Sharp Corporation LH155BA Datasheet HTML 2Page - Sharp Corporation LH155BA Datasheet HTML 3Page - Sharp Corporation LH155BA Datasheet HTML 4Page - Sharp Corporation LH155BA Datasheet HTML 5Page - Sharp Corporation LH155BA Datasheet HTML 6Page - Sharp Corporation LH155BA Datasheet HTML 7Page - Sharp Corporation LH155BA Datasheet HTML 8Page - Sharp Corporation LH155BA Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
LH155BA
1.3. System Bus Pins
SYMBOL
I/O
DESCRIPTION
CSB
I
Chip selection input pin that decoded address bus signal is input.
RS
I
Distinguishes display RAM data/commands of D7 to D0 data transferred from MPU.
0 : The data of D7 to D0 show the display RAM data.
1 : The data of D7 to D0 show the command data.
RDB
(E)
I
• In connecting to 80-family MPU :
This RDB is a pin for connecting the RDB signal of 80-family MPU. When the
signal enters in the "L" state, the data bus of this IC turns to the "output" state.
• In connecting to 68-family MPU :
This RDB becomes a pin for connecting the enable clock signal of 68-family MPU.
When the signal enters in the "H" state, the data bus of this IC turns to the "active"
state.
WRB
(R/W)
I
• In connecting to 80-family MPU :
This WRB is a pin for connecting the WRB signal of 80-family MPU, and when
WRB signal is "L", this pin is "active".
The data bus signal is input at the rising edge of WRB signal.
• In connecting to 68-family MPU :
This WRB becomes a pin for connecting the R/W signal of controlling read/write of
68-family MPU.
R/W = "H" : Read
R/W = "L" : Write
I
M86
MPU interface-type shift pin.
M86 = "H" : 68-family interface
M86 = "L" : 80-family interface
Fixed to either "H" or "L".
SDA
I
Serial-data input pin at time of serial interface selection.
SCL
I
Serial clock pin at time of serial interface selection.
Used to shift the SDA data by using the rising edge of SCL.
Used to convert into 8-bit data by using the 8th clock at the rising edge of SCL in
serial-to-parallel data processing.
After data-transferring, or when making no access, be sure to set to "L".
8-bit bi-directional data bus, connected to 8-bit MPU data bus.
I/O
D7-D0
Initialized by setting to "L". The reset signals of the system are normally input. Reset
operation is performed in accordance with RESB signal level.
I
RESB
Used to shift between parallel interface and serial interface.
P/S = "H" for parallel input. Fix SDA and SCL pins to either "H" or "L".
P/S = "L" for serial input. Fix D7 to D0 pins to High-Z, RDB and WRB pins to either
"H" or "L".
I
P/S
TEST
I
For testing. Fix to "L".
P/S Chip selection Data identification
Data
Read/Write Serial clock
H
CSB
RS
D7-D0
RDB, WRB
–
L
CSB
RS
SDA
Write only
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com