Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 2Page - Sharp Corporation LH155BA Datasheet HTML 3Page - Sharp Corporation LH155BA Datasheet HTML 4Page - Sharp Corporation LH155BA Datasheet HTML 5Page - Sharp Corporation LH155BA Datasheet HTML 6Page - Sharp Corporation LH155BA Datasheet HTML 7Page - Sharp Corporation LH155BA Datasheet HTML 8Page - Sharp Corporation LH155BA Datasheet HTML 9Page - Sharp Corporation LH155BA Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
LH155BA
SYMBOL
I/O
DESCRIPTION
1.4. LCD Drive Circuit Signals
LP
I/O
The latching signal of display data to count up the display line counter at the rising,
and to output the LCD drive signals at the falling.
M/S = "H" : Output for master mode
M/S = "L" : Input for slave mode
FLM
I/O
I/O pin for LCD synchronous signals (first line marker).
When FLM pin is set to "H", the display starting line address is preset in the display
line counter.
M/S = "H" : Output for master mode
M/S = "L" : Input for slave mode
M
I/O
I/O pin for alternating signals of LCD drive output.
M/S = "H" : Output for master mode
M/S = "L" : Input for slave mode
M/S
I
Used to select either master or slave mode operation.
Fix to "H" or "L" at this pin.
SEG0-SEG127
O
Segment output pins for graphic display.
According to the data of the display RAM data,
non-lighted at "0", lighted at "1" (Normal mode)
non-lighted at "1", lighted at "0" (Reverse mode)
and, by a combination of M signal and display data, one signal level among V0, V2,
V3, and VSS is selected.
M/S
State
OSC
P.S.circuit
LP
FLM
M
H
Master
Enabled Enabled
Output
Output
Output
L
Slave
Disabled Disabled
Input
Input
Input
Display RAM Data
M Signal
Normal Mode
Reverse Mode
V2
V0
V0
V2
V3
VSS
VSS
V3
COM0-COM63
O
Common output pins for graphic display.
By a combination of the scanning data and M signals, one signal level among V0, V1,
V4 and VSS is selected.
Data
H
L
H
L
M
H
H
L
L
Output level
VSS
V1
V0
V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com