Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 49 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 49 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 43Page - Sharp Corporation LH155BA Datasheet HTML 44Page - Sharp Corporation LH155BA Datasheet HTML 45Page - Sharp Corporation LH155BA Datasheet HTML 46Page - Sharp Corporation LH155BA Datasheet HTML 47Page - Sharp Corporation LH155BA Datasheet HTML 48Page - Sharp Corporation LH155BA Datasheet HTML 49Page - Sharp Corporation LH155BA Datasheet HTML 50Page - Sharp Corporation LH155BA Datasheet HTML 51Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
LH155BA
49
(b) Connection to The 68-family MPU
A0
A15-A1
VMA
D7-D0
E
R/¸
º
RS
CSB
D7-D0
RDB (E)
WRB (R/W)
RESB
Decoder
15
8
Reset input
(68-family MPU)
VCC
GND
(LH155BA)
VDD
1.8 to 5.5 V
VSS
(c) Connection to The MPU with Serial Interface
A0
A7-A1
PORT1
PORT2
º
RS
CSB
SDA
SCL
RESB
Decoder
7
Reset input
(MPU)
VCC
GND
(LH155BA)
VDD
1.8 to 5.5 V
VSS
* When connecting multiple LH155BAs, input to each CSB pin by varying the decoder conditions of address
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com