Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 47 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 47 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 43Page - Sharp Corporation LH155BA Datasheet HTML 44Page - Sharp Corporation LH155BA Datasheet HTML 45Page - Sharp Corporation LH155BA Datasheet HTML 46Page - Sharp Corporation LH155BA Datasheet HTML 47Page - Sharp Corporation LH155BA Datasheet HTML 48Page - Sharp Corporation LH155BA Datasheet HTML 49Page - Sharp Corporation LH155BA Datasheet HTML 50Page - Sharp Corporation LH155BA Datasheet HTML 51Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
LH155BA
47
7.2.4. DISPLAY CONTROL TIMING
Input Timing Characteristics (Slave Mode)
(VDD = 2.4 to 5.5 V, TOPR = –30 to +85 ˚C)
LP
FLM
M
tDM
tDFLM
tDFLM
tLPLW
tLPHW
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
MAX.
UNIT
LP "H" pulse width
tLPHW
LP
80
µs
LP "L" pulse width
tLPLW
80
µs
FLM delay time
tDFLM
FLM
–1.0
1.0
µs
M delay time
tDM
M
–1.0
1.0
µs
Input signal rise and fall time
tR, tF
All of above pins
15
ns
(VDD = 1.8 to 2.4 V, TOPR = –30 to +85 ˚C)
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
MAX.
UNIT
LP "H" pulse width
tLPHW
LP
80
µs
LP "L" pulse width
tLPLW
80
µs
FLM delay time
tDFLM
FLM
–1.0
1.0
µs
M delay time
tDM
M
–1.0
1.0
µs
Input signal rise and fall time
tR, tF
All of above pins
30
ns
Output Timing Characteristics (Master Mode)
(VDD = 2.4 to 5.5 V, TOPR = –30 to +85 ˚C)
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
MAX.
UNIT
FLM delay time
tDFLM
CL = 15 pF
FLM
10
1 000
ns
M delay time
tDM
10
1 000
ns
M
(VDD = 1.8 to 2.4 V, TOPR = –30 to +85 ˚C)
NOTE : All the timings must be specified relative to 20% and 80% of VDD voltage.
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
MAX.
UNIT
FLM delay time
tDFLM
CL = 15 pF
FLM
10
2 000
ns
M delay time
tDM
10
2 000
ns
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com