Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 34 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 34 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 30Page - Sharp Corporation LH155BA Datasheet HTML 31Page - Sharp Corporation LH155BA Datasheet HTML 32Page - Sharp Corporation LH155BA Datasheet HTML 33Page - Sharp Corporation LH155BA Datasheet HTML 34Page - Sharp Corporation LH155BA Datasheet HTML 35Page - Sharp Corporation LH155BA Datasheet HTML 36Page - Sharp Corporation LH155BA Datasheet HTML 37Page - Sharp Corporation LH155BA Datasheet HTML 38Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
LH155BA
34
q Regardless of AIM, no increment for X and Y
addresses.
w According to the setting-up of AIM, increment or
decrement for only X address.
In accordance with the REF conditions of SEG
normal/reverse output setting register, X address
becomes as follows.
• At REF = "0" (normal output), increment by loop
of
• At REF = "1" (reverse output), decrement by
loop of
e According to the setting-up of AIM, increment for
only Y address.
Regardless of REF, increment by loop of
for Y address.
r According to the setting-up of AIM, cooperative
variation for X and Y addresses.
When the access of X address is made up to
0FH, Y address increment occurs.
• At REF = "0" (normal output)
vary in the above loops.
• At REF = "1" (reverse output)
vary in the above loops.
0FH
00H
(X address)
(Y address)
00H
3FH
00H
0FH
(X address)
(Y address)
00H
3FH
00H
3FH
0FH
00H
00H
0FH
AXI
SELECTION OF INCREMENT ADDRESS
REFERENCE
0
Increment is not made
q
1
X and Y addresses cooperative, automatic increment
r
AYI
0
1
0
1
X address automatic increment
w
1
0
Y address automatic increment
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com