Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 23Page - Sharp Corporation LH155BA Datasheet HTML 24Page - Sharp Corporation LH155BA Datasheet HTML 25Page - Sharp Corporation LH155BA Datasheet HTML 26Page - Sharp Corporation LH155BA Datasheet HTML 27Page - Sharp Corporation LH155BA Datasheet HTML 28Page - Sharp Corporation LH155BA Datasheet HTML 29Page - Sharp Corporation LH155BA Datasheet HTML 30Page - Sharp Corporation LH155BA Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
LH155BA
27
The LH155BA has a lot of commands, as shown in
the list of commands, and each command is
explained in detail as follows.
Data codes and command codes are defined as
follows and the execution of commands must be
made in the chip selection state (CSB = "L").
(For example X address)
RS
*
Command Codes
* RS = "0" : RAM data access (Refer to Sections 4.2. and 4.3..)
RS = "1" : Register access (Refer to Sections 4.4. through 4.17..)
The undefined command codes are inhibited.
The display RAM data of 8-bit are written in the
designated X and Y addresses.
4.2. Data Write to Display RAM
The 8-bit contents of display RAM designated in X
and Y addresses are read out.
Immediately after data are set in X and Y
addresses, dummy read is necessary one time.
4.3. Data Read to Display RAM
D4
0
D5
0
D6
0
D7
0
AX0
D0
AX1
D1
AX2
D2
AX3
D3
Data Codes
D0
CSB
D1
D2
D3
D4
D5
D6
D7
Display RAM Write Data
D0
D1
D2
D3
D4
D5
D6
D7
Display RAM Read Data
RE
RDB
WRB
RS
0010
0
CSB
RE
RDB
WRB
RS
0100
0
(At the time of reset : AX3 to AX0 = 0H, read address : 0H)
4.4. X Address Register Set
Addresses of display RAM's X direction are set.
The values of AX3 to AX0 are usable up to 00H-
0FH, but 10H-FFH are inhibited. When the register
setting of SEG output normal/reverse is REF = "0",
the data of AX3 to AX0 are addressed to display
RAM as they are.
When REF = "1", the data of 0FH-(AX3 to AX0)H
are addressed to the display RAM.
D0
D1
D2
D3
D4
D5
D6
D7
0
0
0
0
AX3
AX2
AX1
AX0
CSB
RE
RDB
WRB
RS
1010
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com