Electronic Components Datasheet Search
  English  ▼

X  

LH155BA Datasheet(PDF) 33 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 33 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 29Page - Sharp Corporation LH155BA Datasheet HTML 30Page - Sharp Corporation LH155BA Datasheet HTML 31Page - Sharp Corporation LH155BA Datasheet HTML 32Page - Sharp Corporation LH155BA Datasheet HTML 33Page - Sharp Corporation LH155BA Datasheet HTML 34Page - Sharp Corporation LH155BA Datasheet HTML 35Page - Sharp Corporation LH155BA Datasheet HTML 36Page - Sharp Corporation LH155BA Datasheet HTML 37Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
LH155BA
33
4.11. Increment Control Register Set
* mark means "Don't care".
(At the time of reset : (AIM, AYI, AXI) = 0H, read address : AH)
The increment mode is set up when accessing the
graphic display RAM.
(The graphic display RAM only)
By AIM, AYI, and AXI registers, the setting-up of
increment operation/non-operation for the X-
address counter and the Y-address counter every
write access or every read access to the graphic
display RAM is possible.
In setting to this control register, the increment
operation of address can be made without setting
successive addresses for writing data or for reading
data to the graphic display RAM from MPU.
After setting this register, be sure to set the X and
Y address registers.
Because it is not assuring the data of X and Y
address registers after setting increment control
registers, the increment control of X and Y
addresses by AIM, AYI and AXI registers is as
follows.
q This is effective when subsequently writing and reading the successive address areas.
w This is effective in the case that, after reading and writing the successive address areas for every address,
the read data are modified to write.
AIM
SELECTION OF INCREMENT TIMING
REFERENCE
0
When writing to graphic display RAM or reading from graphic display RAM
q
1
Only when writing to graphic display RAM (read modify)
w
CSB
RE
RDB
WRB
RS
1010
0
D0
D1
D2
D3
D4
D5
D6
D7
1
0
1
0
*
AIM
AYI
AXI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com