Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products MAX8553 Datasheet HTML 10Page - Maxim Integrated Products MAX8553 Datasheet HTML 11Page - Maxim Integrated Products MAX8553 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1.19
1.23
1.21
1.27
1.25
1.29
1.31
04
26
8
LOAD REGULATION
(CIRCUIT OF FIGURE 2)
LOAD CURRENT (A)
VTT CONNECTED AS
SHOWN IN FIGURE 2
VTT CONNECTED
TO THE OUTPUT
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VV+ = 12V, VOUT = 1.8V, circuit of Figure 1, TA = +25
°C, unless otherwise noted.)
100
30
0.1
1.0
10.0
EFFICIENCY vs. LOAD CURRENT
(CIRCUIT OF FIGURE 2)
60
LOAD CURRENT (A)
70
40
50
80
90
VIN = 1.8V
VOUT = 0.9V
VIN = 2.5V
VOUT = 1.25V
0.1
10.0
100.0
EFFICIENCY vs. LOAD CURRENT
(CIRCUIT OF FIGURE 1)
LOAD CURRENT (A)
1.0
100
30
40
50
60
70
90
80
VOUT = 1.8V
VOUT = 2.5V
400
450
550
500
600
650
-8
-4
-2
-6
0
246
8
SWITCHING FREQUENCY vs.
OUTPUT CURRENT (CIRCUIT OF FIGURE 2)
OUTPUT CURRENT (A)
200
240
220
280
260
300
320
6
8
10 12 14 16 18 20 22 24 26 28
SWITCHING FREQUENCY
vs. INPUT VOLTAGE (CIRCUIT OF FIGURE 3)
INPUT VOLTAGE (V)
160
180
170
200
190
210
220
-40
-15
10
35
60
85
FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.5
5.0
4
8
12
16
20
24
28
MAX8554 SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
V+ = HSD, EN = GND
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.5
5.0
4
8
12
16
20
24
28
MAX8553 SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
EN = GND
1.74
1.78
1.76
1.82
1.80
1.84
1.86
0
4.0
8.0
12.0
16.0
20.0
LOAD REGULATION
(CIRCUIT OF FIGURE 1)
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com