Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 16Page - Maxim Integrated Products MAX8553 Datasheet HTML 17Page - Maxim Integrated Products MAX8553 Datasheet HTML 18Page - Maxim Integrated Products MAX8553 Datasheet HTML 19Page - Maxim Integrated Products MAX8553 Datasheet HTML 20Page - Maxim Integrated Products MAX8553 Datasheet HTML 21Page - Maxim Integrated Products MAX8553 Datasheet HTML 22Page - Maxim Integrated Products MAX8553 Datasheet HTML 23Page - Maxim Integrated Products MAX8553 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Use RDS(ON) at TJ(MAX):
where IGATE is the average DH driver output current
determined by:
where RDH is the high-side MOSFET driver’s on-resis-
tance (1.4
Ω typ) and RGATE is the internal gate resis-
tance of the MOSFET (~2
Ω):
where VGS = VVL = 5V.
When the MAX8553 is sinking current, the high-side
MOSFET operates as a zero-voltage switch and the
low-side MOSFETs operate as a nonzero-voltage
switch.
In addition to the losses above, allow about 20% more
for additional losses due to MOSFET output capaci-
tances and low-side MOSFET body-diode reverse
recovery charge dissipated in the high-side MOSFET
that is not well defined in the MOSFET data sheet. Refer
to the MOSFET data sheet for thermal-resistance speci-
fications to calculate the PC board area needed to
maintain the desired maximum operating junction tem-
perature with the above calculated power dissipations.
To reduce EMI caused by switching noise, add a 0.1µF
ceramic capacitor from the high-side switch drain to
the low-side switch source, or add resistors in series
with DH and DL to slow down the switching transitions.
Adding series resistors increases the power dissipation
of the MOSFET, so ensure that this does not overheat
the MOSFET.
Control IC Power Dissipation
Power dissipation in the MAX8553/MAX8554 IC is pri-
marily due to the on-chip MOSFETs’ gate drivers (DH
and DL). This power dissipation depends on the gate
charge of the external MOSFETs used. Power dissipa-
tion in the MAX8553 also depends on the VTTR load
current (IVTTR). Use the following equation to calculate
the power dissipation:
where QGH and QGL are the total gate charge of the
high-side and low-side MOSFETs, respectively. Select
the switching frequency and VV+ correctly to ensure
the power dissipation does not exceed the package
power-dissipation requirement.
Applications Information
PC Board Layout
A properly designed PC board layout is important in
any switching regulator. The switching power stage
requires particular attention. If possible, mount all the
power components on the top-side of the board with
their ground terminals flush against one another. Follow
these guidelines for good PC board layout:
1) Keep the high-current paths short, especially at the
ground terminals. This practice is essential for sta-
ble, low-jitter operation.
2) Connect GND and PGND together at a single point.
3) Keep the power traces and load connections short.
This practice is essential for high efficiency. The use
of thick copper PC boards (2oz vs. 1oz) can notice-
ably enhance full-load efficiency. Correctly routing
PC board traces is a difficult task that must be
approached in terms of fractions of centimeters,
where a single m
Ω of excess trace resistance caus-
es a measurable efficiency penalty.
4) LX and PGND connections to the low-side MOSFET
for current limiting must be made using Kelvin-
sense connections in order to guarantee the cur-
rent-limit accuracy. With 8-pin SO MOSFETs, this
can be done by routing power to the MOSFETs from
PV
f
Q
Q
I
D
V
S
GH
GL
VTTR
=
()××
+
()+
[]
+
PQ
V
f
R
RR
HSDR
G
GS
S
GATE
GATE
DH
=×
× ×
+
I
V
RR
GATE
DH
GATE
=
+
25
.
PV
I
f
QQ
I
HSSW
IN
LOAD
S
GS
GD
GATE
=×
× ×
+
P
V
V
IR
HSCC
OUT
IN
LOAD
DS ON
=×
() ×
()
2
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
22
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com