Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 14Page - Maxim Integrated Products MAX8553 Datasheet HTML 15Page - Maxim Integrated Products MAX8553 Datasheet HTML 16Page - Maxim Integrated Products MAX8553 Datasheet HTML 17Page - Maxim Integrated Products MAX8553 Datasheet HTML 18Page - Maxim Integrated Products MAX8553 Datasheet HTML 19Page - Maxim Integrated Products MAX8553 Datasheet HTML 20Page - Maxim Integrated Products MAX8553 Datasheet HTML 21Page - Maxim Integrated Products MAX8553 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors do not corrupt the cur-
rent-sense signals seen by LX and PGND. The IC must
be mounted close to the low-side MOSFET with short,
direct traces making a Kelvin-sense connection to the
source and drain terminals. See the PC Board Layout
section.
Voltage Positioning
The Quick-PWM control architecture responds virtually
instantaneously to transient load changes and elimi-
nates the control loop delay of conventional PWM con-
trollers. Therefore, a large portion of the voltage
deviation during a step load change is from the ESR
(equivalent series resistance) of the output capacitors.
For DDR termination applications, the maximum
allowed voltage deviation is
±40mV for any output load
transition from sourcing current to sinking current.
Passive voltage positioning adjusts the converter’s out-
put voltage based on its load current to optimize tran-
sient response and minimize the required output
capacitance.
Voltage positioning is implemented by connecting a
low ohmic resistor (R4) as shown in Figure 2.
MOSFET Drivers
The DH and DL drivers are optimized to drive
MOSFETs that can deliver up to 25A output current. An
adaptive dead-time circuit monitors the DL output and
prevents the high-side MOSFET from turning on until
DL is fully off. There must be a low-resistance, low-
inductance path from the DL driver to the MOSFET gate
in order for the adaptive dead-time circuit to work prop-
erly. Otherwise, the sense circuitry in the MAX8553/
MAX8554 can interpret the MOSFET gate as “off” while
there is actually still charge left on the gate. Use very
short, wide traces measuring 10 squares to 20 squares
(50 mils to 100 mils wide if the MOSFET is 1in from the
MAX8553/MAX8554). This adaptive dead-time delay is
in addition to a fixed delay of 30ns (typ). The dead time
at the other edge (DH turning off) is determined by a
fixed 32ns (typ) internal delay.
Design Procedure
Setting the Output Voltage
For the MAX8553, the output voltage, VVTT, is always
50% of VREFIN.
For the MAX8554, the output voltage can be adjusted
from 600mV to 3.5V using a resistive voltage-divider
(R2 and R3 in Figures 1 and 3). To set the voltage,
choose a value for R3 in the range of 1k
Ω to 10kΩ, then
solve for R2 using the following equation:
where VFB is 0.6V.
Inductor Selection
Three key inductor parameters must be specified:
inductance value (L), peak inductor current (IPEAK),
and DC resistance (RDC). A good compromise
between size and efficiency is to set the inductor peak-
to-peak ripple current equal to 30% of the maximum
load current, thus LIR = 0.3. The switching frequency,
input voltage, output voltage, and selected LIR deter-
mine the inductor value as follows:
where fS is the switching frequency. The exact inductor
value is not critical and can be adjusted in order to
make trade-offs among size, cost, and efficiency.
Lower inductor values minimize size and cost and also
improve transient response but reduce efficiency and
increase output voltage ripple due to higher peak cur-
rents. Higher inductance increases efficiency by reduc-
ing the RMS current.
Find a low-loss inductor with the lowest possible DC
resistance that fits in the allotted dimensions. The
inductor’s current saturation rating must exceed the
L
VV
V
V
x f x I
x LIR
OUT
IN
OUT
IN
S
LOAD MAX
=
()
−
()
RR
V
V
OUT
FB
23
=


- 1
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
18
______________________________________________________________________________________
TIME
IVALLEY
ILOAD
IPEAK
Figure 4. Inductor-Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com