Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8553 Datasheet HTML 1Page - Maxim Integrated Products MAX8553 Datasheet HTML 2Page - Maxim Integrated Products MAX8553 Datasheet HTML 3Page - Maxim Integrated Products MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX8553 is a 4.5V to 28V input-voltage, synchro-
nous step-down controller that provides a complete
power-management solution for DDR memory. The
MAX8553 generates 1/2 VREFIN voltage for VTT and
VTTR. The VTT and VTTR tracking voltages are main-
tained within 1% of 1/2 VREFIN. The MAX8554 is a 4.5V to
28V input voltage, nontracking step-down controller with
a low 0.6V feedback threshold voltage. The MAX8553/
MAX8554 use Maxim’s proprietary Quick-PWM™ archi-
tecture for fast transient response and operate with
selectable pseudo-fixed frequencies. Both controllers
can operate without an external bias supply.
The controllers operate in synchronous-rectification mode
to ensure balanced current sourcing and sinking capabili-
ty of up to 25A. The MAX8553/MAX8554 also provide up
to 95% efficiency, making them ideal for server and point-
of-load applications. Additionally, a low 5µA shutdown
current allows for longer battery life in notebook applica-
tions. Lossless current monitoring is achieved by monitor-
ing the low-side MOSFET’s drain-to-source voltage. The
MAX8553/MAX8554 have an adjustable foldback current
limit to withstand a continuous output overload and short
circuit. Digital soft-start provides control of inrush current
during power-up. Overvoltage protection shuts the con-
verter down and discharges the output capacitor. The
MAX8553/MAX8554 come in space-saving 16-pin QSOP
packages.
Applications
Wide-Input Power Supplies
Servers and Storage Applications
ASIC and CPU Core Voltages
Notebook and LCD-PC Power Supplies
DDR I and DDR II Memory Power Supplies
AGTL Bus Termination Supplies
Features
o Up to 25A Output-Current Capability
o Quick-PWM Control for Fast Loop Response
o Up to 95% Efficiency
o 4.5V to 28V Input Voltage Range
o No External Bias Supply Required
o 0 to 3.6V Input REFIN Range (MAX8553)
o Automatically Sets VTT and VTTR to within ±1%
of 1/2 VREFIN- (MAX8553)
o Low 0.6V Feedback Threshold (MAX8554)
o 200kHz/300kHz/400kHz/550kHz Selectable
Switching Frequencies
o Adjustable Foldback Current Limit
o Overvoltage Protection
o Digital Soft-Start
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX8553
DH
EN/HSD
+5V
POK
VIN
VOUT
VTTR
V+
REFIN
LX
DL
VTTR
GND
POK
REFIN
VL
BST
V+
REF
ILIM
FSEL
PGND
VTT
PART
TEMP RANGE
PIN-PACKAGE
MAX8553EEE
-40
°C to +85°C
16 QSOP
MAX8554EEE
-40
°C to +85°C
16 QSOP
Typical Operating Circuit
19-3017; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
Quick-PWM is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX8553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8553ETI MAXIM-MAX8553ETI Datasheet
133Kb / 1P
Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches
Rev 0; 7/07
More results

Similar Description - MAX8553

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX8537 MAXIM-MAX8537 Datasheet
414Kb / 23P
Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com