Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 16Page - Maxim Integrated Products MAX8553 Datasheet HTML 17Page - Maxim Integrated Products MAX8553 Datasheet HTML 18Page - Maxim Integrated Products MAX8553 Datasheet HTML 19Page - Maxim Integrated Products MAX8553 Datasheet HTML 20Page - Maxim Integrated Products MAX8553 Datasheet HTML 21Page - Maxim Integrated Products MAX8553 Datasheet HTML 22Page - Maxim Integrated Products MAX8553 Datasheet HTML 23Page - Maxim Integrated Products MAX8553 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
23
Pin Configurations
outside using the top copper layer, while tying in
PGND and LX inside (underneath) the 8-pin SO
package.
5) When trade-offs in trace lengths must be made, it is
preferable to allow the inductor charging path to be
made longer than the discharge path. For example,
it is better to allow some extra distance between the
input capacitors and the high-side MOSFET than to
allow distance between the inductor and the low-
side MOSFET or between the inductor and the out-
put filter capacitor.
6) It may be desirable to deliberately introduce some
trace length (droop resistance) between the FB
inductor node and the output filter capacitor to
meet the stability criteria (fESR < fS /
π).
7) Place feedback resistors as close as possible to
the IC.
8) Route high-speed switching nodes away from sen-
sitive analog nodes.
9) Make all pin-strap control input connections (ILIM,
etc.) to GND or VL close to the chip, and do not
connect to PGND.
Chip Information
TRANSISTOR COUNT: 2827
PROCESS: BiCMOS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN/HSD
LX
DH
BST
PGND
DL
VL
V+
VTTR
TOP VIEW
MAX8553
QSOP
REFIN
POK
FSEL
VTT
ILIM
REF
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
HSD
LX
DH
BST
PGND
DL
VL
V+
OUT
MAX8554
QSOP
EN
POK
FSEL
FB
ILIM
REF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com