Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8553 Datasheet HTML 1Page - Maxim Integrated Products MAX8553 Datasheet HTML 2Page - Maxim Integrated Products MAX8553 Datasheet HTML 3Page - Maxim Integrated Products MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VV+ = VHSD = +12V, VEN/HSD = VREFIN = +2.5V, VEN = +5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0V, ILIM = VL,
PGND = LX = GND, BST = VL, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FB Regulation Voltage
MAX8554, VOUT = +2.5V, FSEL unconnected
0.598
0.607
0.616
V
Output Adjust Range
MAX8554 (Note 1)
0.6
3.5
V
VTT Line Regulation
VEN/HSD ±10%, VVTT = +1.25V, IOUT = 0A
±0.325
%
FB Line Regulation
MAX8554, VHSD ±10%, VOUT = +2.5V,
IOUT = 0A, FSEL unconnected
±0.325
%
VTT Load Regulation
0 < IOUT < +7A, VVTT = +1.25V
0.2
%
FB Load Regulation
MAX8554, 0 < IOUT < +7A, VOUT = +2.5V,
FSEL unconnected
0.2
%
REFERENCE
Reference Output Voltage
VV+ = VVL = +4.5 to +5.5V, IREF = 0
1.97
2.00
2.03
V
Reference Load Regulation
VV+ = VVL = +5V, IREF = 0 to 50µA
10
mV
Reference UVLO
VV+ = VVL = +5V, reference rising, hysteresis = 27mV
1.5
1.6
1.7
V
VTTR
VTTR Output Voltage Range
0
1.8
V
IVTTR = -5mA to +5mA
49.5
50
50.5
IVTTR = -25mA to +25mA, VREFIN = +1.8V
49
50
51
VTTR Output Accuracy
IVTTR = -25mA to +25mA, VREFIN = +3.6V
49.5
50
50.5
% VREFIN
Thermal Shutdown
Rising temperature, typical hysteresis = 15
°C
+160
°C
SOFT-START
ILIM Ramp Period
Ramps the ILIM trip threshold from 20% to 100% in
20% increments
0.8
1.7
3.0
ms
Output Predischarge Period
Rising edge of EN/HSD to the start of internal digital
soft-start
0.8
1.7
3.0
ms
OSCILLATOR
FSEL = VL
200
FSEL = unconnected
300
FSEL = REF
400
Oscillator Frequency
FSEL = GND
550
kHz
FSEL = VL
2.18
2.5
2.83
FSEL unconnected
1.45
1.67
1.89
FSEL = REF
1.09
1.25
1.41
On-Time
MAX8553, VVTT = +1.25V
(Note 2)
FSEL = GND
0.82
0.91
1.00
µs
FSEL = VL
0.89
1.02
1.16
FSEL unconnected
0.61
0.71
0.80
FSEL = REF
0.43
0.49
0.56
On-Time
MAX8554, VOUT = +2.5V
(Note 2)
FSEL = GND
0.33
0.37
0.41
µs
Off-Time
(Note 2)
350
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com