Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8553 Datasheet HTML 1Page - Maxim Integrated Products MAX8553 Datasheet HTML 2Page - Maxim Integrated Products MAX8553 Datasheet HTML 3Page - Maxim Integrated Products MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VV+ = VHSD = +12V, VEN/HSD = VREFIN = +2.5V, VEN = +5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0V, ILIM = VL,
PGND = LX = GND, BST = VL, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
LX to PGND, ILIM = VL
80
100
115
LX to PGND, RILIM = 100k
Ω
35
50
65
Current-Limit Threshold (Positive
Direction)
LX to PGND, RILIM = 400k
Ω
160
200
230
mV
Current-Limit Threshold (Negative
Direction)
LX to PGND, ILIM = VL, with respect to positive
current-limit threshold
-130
-110
-90
%
ILIM Input Current
5µA
FAULT DETECTION
MAX8553 (VREFIN > +1V)
57
60
63
% VREFIN
MAX8553 (VREFIN
≤ +1V)
0.576
0.600
0.624
Overvoltage Threshold
MAX8554
0.696
0.720
0.744
V
VL REGULATOR
Output Voltage
+6V < VV+ <+28V, 1mA < IVL < 35mA
4.80
5.0
5.33
V
Line Regulation
+6V < VV+ < +28V, IVL = 10mA
0.2
%
RMS Output Current
35
mA
Bypass Capacitor
ESR < 100m
Ω
2.2
µF
DRIVER
DH Gate-Driver On-Resistance
VBST - VLX = +5V
1.4
2.5
Ω
DL Gate-Driver On-Resistance
(Source)
DL high state
1.6
3.0
Ω
DL Gate-Driver On-Resistance
(Sink)
DL low state
0.75
1.25
Ω
DL rising
32
Dead Time
DL falling
30
ns
FSEL LOGIC
Logic Input Current
-3
+3
µA
Logic Low (GND)
0.5
V
Logic REF Level
FSEL = REF
1.65
2.35
V
Logic Float Level
FSEL unconnected
3.15
3.85
V
Logic VL Level
FSEL = VL
VVL - 0.4
V
EN/HSD OR EN LOGIC
EN/HSD or EN Shutdown Current
Max IEN/HSD for VEN/HSD < +0.8V or VEN < +0.8V
0.5
3.0
µA
Logic High
VVL = VV+ = +4.5 to +5.5V, 100mV hysteresis
1.5
V
Logic Low
VVL = VV+ = +4.5 to +5.5V
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com