Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products MAX8553 Datasheet HTML 10Page - Maxim Integrated Products MAX8553 Datasheet HTML 11Page - Maxim Integrated Products MAX8553 Datasheet HTML 12Page - Maxim Integrated Products MAX8553 Datasheet HTML 13Page - Maxim Integrated Products MAX8553 Datasheet HTML 14Page - Maxim Integrated Products MAX8553 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
______________________________________________________________________________________
11
Pin Description
PIN
MAX8553
MAX8554
FUNCTION
EN/HSD
—
Enable/High-Side Drain. Connect to the high-side N-channel MOSFET drain through a 5.1k
Ω
resistor for normal operation. Connect to GND for low-power shutdown (Figure 2). If the enable
function is not used, connect EN/HSD directly to the high-side N-channel MOSFET drain.
1
—
HSD
High-Side Drain. Connect to the high-side N-channel MOSFET drain for normal operation.
REFIN
—
Reference Input. An applied voltage at REFIN sets VVTT and VVTTR to 1/2 VREFIN. REFIN voltage
range is from 0 to +3.6V.
2
—
EN
Enable. Drive EN high to enable the output. Drive EN low to shut down the IC. If the enable
function is not used, connect EN to V+.
3
POK
POK
Power-OK Output. POK is an open-drain output and is logic high when both VTT and VTTR are
within 12% of regulation. POK is pulled low in shutdown.
VTT
—
VTT Feedback Input. Connect to VTT output.
4
—
FB
Output Feedback. Connect to the center of a resistor-divider between the output and ground to
set the output voltage. FB threshold is 0.6V.
5
ILIM
ILIM
Current-Limit Threshold Adjustment. Connect a resistor from ILIM to GND to set the current-limit
threshold, or connect ILIM to VL for the default setting. See the Setting the Current Limit section.
6
FSEL
FSEL
Frequency Select. Selects the switching frequency. See Tables 1 and 2 for configuration of
FSEL.
7
REF
REF
Reference. Connect a 0.22µF or greater capacitor from REF to GND.
8
GND
GND
Ground
VTTR
—
VTTR Reference Output. Connect a 1µF or greater capacitor from VTTR to GND. VTTR is
capable of sourcing and sinking up to 25mA.
9
—
OUT
Output Voltage. Connect directly to the output. OUT senses the output voltage to determine the
on-time for the high-side switching MOSFET.
10
V+
V+
Input Supply Voltage. Supply input for the VL regulator. Bypass with a 0.22µF or greater
capacitor.
11
VL
VL
Internal Regulator Output. Connect a 2.2µF or greater capacitor from VL to GND. VL can be
connected to V+ if the operating range is from +4.5V to +5.5V.
12
DL
DL
Low-Side MOSFET Gate Drive. Connect to the gate of the low-side N-channel MOSFET. DL is
low in shutdown or in undervoltage lockout.
13
PGND
PGND
Power Ground
14
BST
BST
Bootstrapped Supply. Drives high-side N-channel MOSFET. Connect a 0.1µF or greater
capacitor from BST to LX.
15
DH
DH
High-Side MOSFET Gate Drive. Connect to the high-side N-channel MOSFET gate. DH is low in
shutdown or in undervoltage lockout.
16
LX
LX
Inductor Switching Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com