Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8553 Datasheet HTML 1Page - Maxim Integrated Products MAX8553 Datasheet HTML 2Page - Maxim Integrated Products MAX8553 Datasheet HTML 3Page - Maxim Integrated Products MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VV+ = VHSD = +12V, VEN/HSD = VREFIN = +2.5V, VEN = +5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0V, ILIM = VL,
PGND = LX = GND, BST = VL, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise specified.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+, EN/HSD, EN, HSD to GND...............................-0.3V to +30V
PGND to GND .......................................................-0.3V to +0.3V
VTT, REFIN, POK, OUT, FB, VL to GND...................-0.3V to +6V
REF, VTTR, DL, ILIM, FSEL to GND ............-0.3V to (VVL + 0.3V)
LX to PGND ...............................................................-2V to +30V
BST to GND ............................................................-0.3V to +36V
DH to LX ...................................................................-0.3V to +6V
LX to BST..................................................................-6V to +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70
°C)
16-Pin QSOP (derated 8.3mW/°C above +70
°C) ........667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+ Input Voltage Range
VL not connected to V+
6
28
V
V+ Input Voltage Range
VL connected to V+
4.5
5.5
V
EN/HSD Input Voltage Range
MAX8553 enabled
1.5
28.0
V
EN Input Voltage Range
MAX8554 enabled
1.5
28.0
V
EN Input Current
23
µA
HSD Input Voltage Range
MAX8554 enabled
1.5
28.0
V
HSD Input Current
20
40
µA
REFIN Input Voltage Range
0
3.6
V
V+ Supply Current (MAX8553)
VVTT = +1.35V
0.8
1.2
mA
V+ Supply Current (MAX8554)
VFB = 630mV
0.62
0.90
mA
REFIN Supply Current
125
250
µA
EN/HSD Supply Current
510
µA
VL Supply Current
VVL = VV+ = 5.5V, VVTT = +1.35V
0.8
1.2
mA
V+ Shutdown Supply Current
EN/HSD = GND
3
5
µA
REFIN Shutdown Supply Current
EN/HSD = GND
1
µA
VL Shutdown Supply Current
VVL = VV+ = +5.5V, VEN/HSD = 0V
5
12
µA
VL Undervoltage-Lockout Threshold
Rising edge, typical hysteresis = 40mV
4.05
4.25
4.40
V
VTT
VTT Input Bias Current
VVTT = +1.25V
-0.15
0
µA
VTT Feedback Voltage Range
0
1.8
V
VREFIN = VEN/HSD = +1.8V
49.5
50
50.5
VTT Feedback Voltage Accuracy
VREFIN = VEN/HSD = +3.6V
49.5
50
50.5
% VREFIN
FB Input Bias Current
MAX8554, VFB = +600mV
-0.15
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com