Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 12Page - Maxim Integrated Products MAX8553 Datasheet HTML 13Page - Maxim Integrated Products MAX8553 Datasheet HTML 14Page - Maxim Integrated Products MAX8553 Datasheet HTML 15Page - Maxim Integrated Products MAX8553 Datasheet HTML 16Page - Maxim Integrated Products MAX8553 Datasheet HTML 17Page - Maxim Integrated Products MAX8553 Datasheet HTML 18Page - Maxim Integrated Products MAX8553 Datasheet HTML 19Page - Maxim Integrated Products MAX8553 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
This algorithm results in a nearly constant switching fre-
quency despite the lack of a fixed-frequency clock
generator. The actual switching frequency, which is
given by the following equation, varies slightly due to
the voltage drop across the on-resistance of the
MOSFETs and the DC resistance of the output inductor:
where D is the duty cycle:
where IO is the output current, RDSONL is the on-resis-
tance of the low-side MOSFET, RDSONH is the on-resis-
tance of the high-side MOSFET, and RDC is the DC
resistance of the output inductor. The ideal switching fre-
quency for VREFIN = 2.5V is about 550kHz. Switching fre-
quency increases for positive (sourcing) load current
and decreases for negative (sinking) load current, due to
the changing voltage drop across the low-side MOSFET,
which changes the inductor-current discharge ramp
rate. The on-times guaranteed in the Electrical
Characteristics are also influenced by switching delays
caused by the loading effect of the external power
MOSFETs.
The switching frequency can also be adjusted to a
value other than the preset frequencies by adding a
resistor voltage-divider at HSD. See the Adjusting the
Switching Frequency section.
VTTR Reference (MAX8553 Only)
The MAX8553’s VTTR output is capable of sourcing or
sinking up to 25mA of current. The VTTR output voltage
is one-half of the voltage applied to REFIN. Bypass
VTTR with at least a 1µF ceramic capacitor.
Voltage Reference
The voltage at REF is nominally 2.00V. Connect a 0.22µF
ceramic bypass capacitor between REF and GND.
EN and HSD (MAX8554 Only)
EN is a logic input used to enable or shut down the
MAX8554. Drive EN high or connect to V+ to enable the
output. Drive EN low to place the MAX8554 in low-
power shutdown mode, reducing input current to less
than 5µA (typ).
HSD senses the input voltage at the drain of the high-side
MOSFET, which is used to set the high-side MOSFET on-
time. For normal operation, connect HSD to the drain of
the high-side MOSFET.
EN/HSD Function (MAX8553 Only)
In order to reduce pin count and package size, the
MAX8553 features a dual-function input pin, EN/HSD.
When EN/HSD is pulled to ground, the internal circuitry
powers off, reducing current consumption to less than
5µA (typ). To enable normal operation, connect
EN/HSD to the drain of the high-side MOSFET through
a 5.1k
Ω resistor (Figure 2). In this configuration, EN/HSD
becomes an input that monitors the high-side MOSFET
drain voltage (converter input voltage) and uses that
measurement to calculate the appropriate on-time for the
converter. If the enable function is not used, connect
EN/HSD directly to the high-side MOSFET drain.
D
VI
R
R
VI
R
R
OUT
O
DSONL
DC
HSD
O
DSONL
DSONH
=
++
()
+
()
-
f
D
tK
N
S
ON
=≅
×
1
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
16
______________________________________________________________________________________
Table 1. Configuration of FSEL (MAX8553)
FSEL CONNECTED TO
N
tON (µs)
FREQUENCY (kHz)
CONDITION
Ground
1.07
0.91
550
VOUT / VEN/HSD = 0.5
REF
1.33
1.15
400
VOUT / VEN/HSD = 0.5
Floating
2.00
1.70
300
VOUT / VEN/HSD = 0.5
VL
3.00
2.55
200
VOUT / VEN/HSD = 0.5
Table 2. Configuration of FSEL (MAX8554)
FSEL CONNECTED TO
N
tON (µs)
FREQUENCY (kHz)
CONDITION
Ground
1.07
0.37
550
VHSD = 12V, VOUT = 2.5V
REF
1.33
0.49
400
VHSD = 12V, VOUT = 2.5V
Floating
2.00
0.71
300
VHSD = 12V, VOUT = 2.5V
VL
3.00
1.02
200
VHSD = 12V, VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com