Electronic Components Datasheet Search
  English  ▼

X  

MAX8553 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8553
Description  4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8553 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8553 Datasheet HTML 3Page - Maxim Integrated Products MAX8553 Datasheet HTML 4Page - Maxim Integrated Products MAX8553 Datasheet HTML 5Page - Maxim Integrated Products MAX8553 Datasheet HTML 6Page - Maxim Integrated Products MAX8553 Datasheet HTML 7Page - Maxim Integrated Products MAX8553 Datasheet HTML 8Page - Maxim Integrated Products MAX8553 Datasheet HTML 9Page - Maxim Integrated Products MAX8553 Datasheet HTML 10Page - Maxim Integrated Products MAX8553 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
4.5V to 28V Input, Synchronous PWM Buck Controllers
for DDR Termination and Point-of-Load Applications
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VV+ = VHSD = +12V, VEN/HSD = VREFIN = +2.5V, VEN = +5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0, ILIM = VL, PGND
= LX = POK = GND, BST = VL, TA = -40°C to +85°C, unless otherwise specified.) (Note 3)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
DRIVER
DH Gate-Driver On-Resistance
VBST - VLX = +5V
2.5
Ω
DL Gate-Driver On-Resistance
(Source)
DL high state
3.0
Ω
DL Gate-Driver On-Resistance
(Sink)
DL low state
1.25
Ω
FSEL LOGIC
Logic Input Current
-3
+3
µA
Logic Low (GND)
0.5
V
Logic REF Level
FSEL = REF
1.65
2.35
V
Logic Float Level
FSEL unconnected
3.15
3.85
V
Logic VL Level
FSEL = VL
VVL - 0.4
V
EN/HSD OR EN LOGIC
EN/HSD or EN Shutdown Current
Max IEN/HSD for VEN/HSD < +0.8V or VEN < +0.8V
0.5
3.0
µA
Logic High
VVL = VV+ = +4.5 to +5.5V, 100mV hysteresis
1.5
V
Logic Low
VVL = VV+ = +4.5 to +5.5V
0.8
V
POWER-OK OUTPUT
Upper VTT, and VTTR Threshold
MAX8553
55
57
% VREFIN
Lower VTT, and VTTR Threshold
MAX8553
43
45
% VREFIN
Upper Threshold
MAX8554
0.646
0.698
V
Lower Threshold
MAX8554
0.504
0.552
V
POK Output Low Level
ISINK = 2mA
0.4
V
POK Output High Leakage
VPOK = +5V
5
µA
Note 1: Consult factory for applications that require higher than 3.5V output.
Note 2: On-time and off-time specifications are measured from 50% point to 50% point at the DH pin with LX forced to 0V, BST
forced to 5V, and a 250pF capacitor connected from DH to LX. Actual in-circuit times may differ due to MOSFET switching
speeds.
Note 3: Specifications to -40
°C are guaranteed by design and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com