Electronic Components Datasheet Search
  English  ▼

X  

AM79C970 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 97Page - Advanced Micro Devices AM79C970 Datasheet HTML 98Page - Advanced Micro Devices AM79C970 Datasheet HTML 99Page - Advanced Micro Devices AM79C970 Datasheet HTML 100Page - Advanced Micro Devices AM79C970 Datasheet HTML 101Page - Advanced Micro Devices AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
AMD
P R E L I M I N A R Y
1-968
Am79C970
Initialization Block and Transmit
and Receive descriptor bit maps
are affected. When cleared, this
bit indicates that the PCnet-PCI
controller
utilizes
Am79C960
(PCnet-ISA) software structures.
Note: Regardless of the setting
of SSIZE32, the Initialization
Block must always begin on a
double-word boundary.
The value of SSIZE32 is deter-
mined by the PCnet-PCI control-
ler. SSIZE32 is read only by the
host.
The PCnet-PCI controller uses
the setting of the Software Style
register (BCR20, bits 7-0/CSR58
bits 7-0) to determine the value
for this bit. SSIZE32 is cleared by
H_RESET and is not affected by
S_RESET or STOP.
If SSIZE32 is reset, then bits
IADR[31–24] of CSR2 will be
used to generate values for the
upper 8 bits of the 32 bit address
bus during master accesses initi-
ated by the PCnet-PCI controller.
This action is required, since the
16-bit software structures speci-
fied by the SSIZE32=0 setting
will yield only 24 bits of address
for PCnet-PCI controller bus
master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to the PCnet-PCI controller and
the host system will supply a full
32 bits for each address pointer
that is needed by the PCnet-PCI
controller for performing master
accesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
defined width for I/O resources.
I/O resource width is determined
by the state of the DWIO bit.
7–0 SWSTYLE
Software
Style
register.
The
value in this register determines
the style of I/O and memory re-
sources that are used by the
PCnet-PCI controller. The Soft-
ware Style selection will affect
the interpretation of a few bits
within the CSR space and the
SWSTYLE
Style
CSR-
Altered Bit
[7:0]
Name
PCNET SSIZE32 Interpretations
00h
LANCE/
1
0
ALL CSR4 bits will
PCnet-
function as defined in the
ISA
CSR4 section.
TMD1[29] functions as
ADD_FCS
01h
ILACC
0
1
CSR4[9:8], CSR4[5:4]
and CSR4[1:0] will have
no function, but will be
writeable and readable.
CSR4[15:10], CSR4[7:6]
and CSR4[3:2] will
function as defined in the
CSR4 section.
TMD1[29] becomes
NO_FCS.
02h
PCnet-
1
1
ALL CSR4 bits will
PCI
function as defined in the
CSR4 section.
TMD1[29] functions as
ADD_FCS
All other
Res.
Undef.
Undef.
Undef.
combs.
width of the descriptors and
initialization block. Specifically:
All PCnet-PCI controller CSR
bits and BCR bits and all descrip-
tor, buffer and initialization block
entries not cited in the table
above are unaffected by the Soft-
ware Style selection and are
therefore always fully functional
as specified in the CSR and BCR
sections.
Read/write accessible only when
STOP bit is set.
The SWSTLYE register will con-
tain the value 00h following
H_RESET or S_RESET and will
be unaffected by STOP.
CSR59: IR Register
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
IRREG
Reserved locations. After H_RE-
SET, the value in this register will
be 0105h. The settings of this
register will have no effect on any
PCnet-PCI controller function.
This register always contains the
same value. It is not writeable.
Read
accessible
only
when
STOP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com