Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 36 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 32Page - Analog Devices ADRF6820 Datasheet HTML 33Page - Analog Devices ADRF6820 Datasheet HTML 34Page - Analog Devices ADRF6820 Datasheet HTML 35Page - Analog Devices ADRF6820 Datasheet HTML 36Page - Analog Devices ADRF6820 Datasheet HTML 37Page - Analog Devices ADRF6820 Datasheet HTML 38Page - Analog Devices ADRF6820 Datasheet HTML 39Page - Analog Devices ADRF6820 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 36 of 45
Address: 0x22, Reset: 0x2A03, Name: VCO_CTL
Table 26. Bit Descriptions for VCO_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LO_DRV_LVL
External LO amplitude
0x0
RW
00
−5 dBm
01
−1 dBm
10
+2 dBm
11
+4 dBm
5
DRVDIV2_EN
Divide by 2 for external LO driver enable
0x0
RW
0
Disable
1
Enable
4
DIV8_EN
Divide by 2 in LO path for total of division of 8
0x0
RW
0
Disable
1
Enable
3
DIV4_EN
Divide by 2 in LO path for total of division of 4
0x0
RW
0
Disable
1
Enable
[2:0]
VCO_SEL
Select VCO core/external LO
0x3
RW
000
4.6 GHz to 5.7 GHz
001
4.02 GHz to 4.6 GHz
010
3.5 GHz to 4.02 GHz
011
2.85 GHz to 3.5 GHz
100
External LO/VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com