Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 15Page - Analog Devices ADRF6820 Datasheet HTML 16Page - Analog Devices ADRF6820 Datasheet HTML 17Page - Analog Devices ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices ADRF6820 Datasheet HTML 20Page - Analog Devices ADRF6820 Datasheet HTML 21Page - Analog Devices ADRF6820 Datasheet HTML 22Page - Analog Devices ADRF6820 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 19 of 45
Pin No.
Mnemonic
Description
Basic Connection
PLL/VCO
37
CP
Synthesizer charge pump output voltage
Connect to the VTUNE pin through the loop filter.
39
REFIN
Synthesizer reference frequency input
Nominal input level is 1 V p-p. Input range is 12 MHz to
320 MHz. This pin is internally biased to VPOS_3P3/2
and must be ac-coupled.
17, 18
LOOUT+,
LOOUT−
Differential LO outputs
The differential output impedance is 50 Ω. These pins
are internally biased and must be ac-coupled. The dc
level varies with LO output drive level. See Table 11.
34, 35
LOIN−,
LOIN+
Differential LO inputs
Differential input impedance of 50 Ω. These pins are
internally biased and must be ac-coupled.
16
MUXOUT
PLL multiplex output
This output pin provides the PLL reference signal or the
PLL lock detect signal.
32
VTUNE
VCO tuning voltage
This pin is driven by the output of the loop filter, and the
nominal input voltage range is 1 V to 2.8 V.
RF Inputs
22, 29
RFIN1,
RFIN0
RF inputs
The single-ended RF inputs have a 50 Ω input impedance.
These pins are internally biased to VPOS_5V/2. AC-couple
the RF inputs. Refer to the Layout section for the
recommended printed circuit board (PCB) layout for
improved channel-to-channel isolation. Terminate
unused RF inputs with a dc blocking capacitor to GND
to improve isolation.
20
RFSW
Pin control of the RF inputs
For RFIN0, set RFSW to logic low, and for RFIN1, set RFSW
to logic high. For logic high, connect this pin to 3.3 V.
Demodulator Outputs
4, 5, 6, 7
I+, I−, Q−,
Q+
I and Q channel mixer baseband outputs
The I and Q mixer outputs have a 50 Ω differential
output impedance (25 Ω per pin). The VOCM pin sets
the output common-mode level.
12
VOCM
Mixer output common-mode voltage
This input pin sets the common-mode voltage of the I and
Q complex outputs. VOCM needs a clean voltage source
within the 1.5 V to 2.4 V range. Linearity performance
degrades when the voltage is outside this range.
Enable
24
ENBL
External enable pin control
Set this pin high for enable and low for power-down of
the internal blocks. To specify the internal blocks, write
to Register 0x10, PWRDWN_MSK.
Serial Port Interface
13
SDIO
SPI data input and output
3.3 V tolerant logic levels.
14
SCLK
SPI clock
3.3 V tolerant logic levels.
15
CS
SPI chip select
Active low. 3.3 V tolerant logic levels.
LDO Decoupling
10
DECL1
Mixer LDO decoupling
Decouple this pin via a 0.22 µF capacitor to ground. Ensure
the decoupling capacitor is located close to the pin.
27
DECL2
VCO2 LDO decoupling
Decouple this power supply pin via 100 pF and 10 µF
(0805) capacitors to ground. Ensure that the decoupling
capacitors are located close to the pin.
33
DECL3
VCO LDO decoupling
Decouple this power supply pin via 100 pF and 10 µF
(0805) capacitors to ground. Ensure that the decoupling
capacitors are located close to the pin.
40
DECL4
2.5V LDO decoupling
Decouple this power supply pin via 100 pF and 10 µF
capacitors to ground. Ensure that the decoupling
capacitors are located close to the pin.
GND
2, 3, 8, 9, 23, 25, 26,
28, 38
GND
Ground
Connect these pins to the GND of the PCB.
EPAD
Exposed pad (EPAD)
The exposed thermal pad is on the bottom of the
package. Solder the exposed pad to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com