Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 22Page - Analog Devices ADRF6820 Datasheet HTML 23Page - Analog Devices ADRF6820 Datasheet HTML 24Page - Analog Devices ADRF6820 Datasheet HTML 25Page - Analog Devices ADRF6820 Datasheet HTML 26Page - Analog Devices ADRF6820 Datasheet HTML 27Page - Analog Devices ADRF6820 Datasheet HTML 28Page - Analog Devices ADRF6820 Datasheet HTML 29Page - Analog Devices ADRF6820 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 26 of 45
I/Q OUTPUT LOADING
The I and Q baseband outputs of the ADRF6820 have a 50 Ω
differential impedance. However, voltage gain and linearity
performance are optimized with the use of a 200 Ω differential
load. This may not be the most favorable termination for every
application; therefore, performance trade-offs can be made for
lower output loads.
The output load on the differential I/Q outputs has a direct
impact on the voltage gain where the gain decreases with lighter
loads. The 50 Ω differential source impedance (RS) of the
ADRF6820 forms a voltage divider with the external load
resistor (RL). The performance of the ADRF6820 was optimized
for and specified with a differential load termination of 200 Ω.
For a 200 Ω differential load termination, the voltage divider
ratio is given by
VOUT/VIN = RL/(RL + RS)
where RS = 50 Ω.
The change in gain due to different load impedance is given by
(
)
(
)
S
L1
L1
S
L2
L2
L1
L2
R
R
R
R
R
R
R
Gain
R
Gain
+
+
=
)
(
)
(
where:
RL1 = 200 Ω.
RL2 is the new load impedance.
The conversion gain of the ADRF6820 at fRF = 2100 MHz and
fIF = 200 MHz is −3.2 dB. For the same test conditions with a
100 Ω load, the gain decreases by 20log(5/6) = −1.58 dB to a
voltage gain of −4.6 dB. Figure 47 shows the voltage gain vs. IF
frequency for fLO = 1840 MHz and BWSEL = 2 for common
output loads.
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
IF FREQUENCY (MHz)
RL = 100Ω
RL = 200Ω
RL = 50Ω
Figure 47. Voltage Gain vs. IF Frequency for LO = 1840 MHz, BWSEL = 2
In addition to the lower conversion gain, the effect of lower
output load impedance is degraded linearity performance.
The degraded performance is a result of the emitter follower
buffers, after the mixers, needing to deliver more load current;
therefore, they operate closer to their nonlinear region. To
improve performance with lighter loads, such as 50 Ω, increase
the bias current of the emitter follower by increasing BB_BIAS
(Register 0x34, Bits[11:10]) to its maximum of 13.5 mA. Refer
to Table 13 for the bias current settings.
0
10
20
30
40
50
60
70
80
IF FREQUENCY (MHz)
IIP3 = 50
Ω
IIP3 = 100
Ω
IIP3 = 200
Ω
IIP2 = 50
Ω
IIP2 = 100
Ω
IIP2 = 200
Ω
Figure 48. IIP3 and IIP2 vs. IF Frequency for fLO = 1840 MHz and BWSEL = 2
Figure 48 shows input IP3 and input IP2 performance vs. IF
frequency for 50 Ω, 100 Ω, and 200 Ω loads. For the 100 Ω and
200 Ω load impedance, the bias current was configured to its
default of 9 mA, whereas for the 50 Ω load, the current was
increased to the maximum to achieve the same level of input
IP3 performance as the higher output loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com