Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices ADRF6820 Datasheet HTML 20Page - Analog Devices ADRF6820 Datasheet HTML 21Page - Analog Devices ADRF6820 Datasheet HTML 22Page - Analog Devices ADRF6820 Datasheet HTML 23Page - Analog Devices ADRF6820 Datasheet HTML 24Page - Analog Devices ADRF6820 Datasheet HTML 25Page - Analog Devices ADRF6820 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 22 of 45
–8.0
–7.5
–7.0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–800
–600
–400
–200
0
200
400
600
800
IF FREQUENCY (MHz)
LO = 1800MHz
LO = 2100MHz
LO = 2700MHz
Figure 41. Voltage Gain vs. IF Frequency, BWSEL = 2, LO Fixed and RF Swept
–8.0
–7.5
–7.0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–800
–600
–400
–200
0
200
400
600
800
IF FREQUENCY (MHz)
LO = 1800MHz
LO = 2100MHz
LO = 2700MHz
Figure 42. Voltage Gain vs. IF Frequency, BWSEL = 3, LO Fixed and RF Swept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com