Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 34Page - Analog Devices ADRF6820 Datasheet HTML 35Page - Analog Devices ADRF6820 Datasheet HTML 36Page - Analog Devices ADRF6820 Datasheet HTML 37Page - Analog Devices ADRF6820 Datasheet HTML 38Page - Analog Devices ADRF6820 Datasheet HTML 39Page - Analog Devices ADRF6820 Datasheet HTML 40Page - Analog Devices ADRF6820 Datasheet HTML 41Page - Analog Devices ADRF6820 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 38 of 45
Address: 0x30, Reset: 0x0000, Name: BALUN_CTL
Table 28. Bit Descriptions for BALUN_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
BAL_COUT
Balun output capacitance
0x0
RW
000
Minimum capacitance value
111
Maximum capacitance value
[3:1]
BAL_CIN
Balun input capacitance
0x0
RW
000
Minimum capacitance value
111
Maximum capacitance value
Address: 0x31, Reset: 0x1101, Name: MIXER_CTL
Table 29. Bit Descriptions for MIXER_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[12:10]
MIX_BIAS
Demodulator (demod) bias value
0x4
RW
[8:5]
DEMOD_RDAC
Demodulator linearizer RDAC value
0x8
RW
[3:0]
DEMOD_CDAC
Demodulator linearizer CDAC value
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com