Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 41 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 37Page - Analog Devices ADRF6820 Datasheet HTML 38Page - Analog Devices ADRF6820 Datasheet HTML 39Page - Analog Devices ADRF6820 Datasheet HTML 40Page - Analog Devices ADRF6820 Datasheet HTML 41Page - Analog Devices ADRF6820 Datasheet HTML 42Page - Analog Devices ADRF6820 Datasheet HTML 43Page - Analog Devices ADRF6820 Datasheet HTML 44Page - Analog Devices ADRF6820 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 41 of 45
Address: 0x34, Reset: 0x0B00, Name: MOD_CTL2
Table 32. Bit Descriptions for MOD_CTL2
Bits
Bit Name
Settings
Description
Reset
Access
[11:10]
BB_BIAS
Baseband bias select
0x2
RW
00
0 mA
01
4.5 mA
10
9 mA
11
13.5 mA
[9:8]
BWSEL
Baseband gain and bandwidth select
0x3
RW
00
High gain, high bandwidth (refer to Table 15)
01
High gain, low bandwidth (refer to Table 15)
10
Low gain, high bandwidth (refer to Table 15)
11
Low gain, low bandwidth (refer to Table 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com