Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 12Page - Analog Devices ADRF6820 Datasheet HTML 13Page - Analog Devices ADRF6820 Datasheet HTML 14Page - Analog Devices ADRF6820 Datasheet HTML 15Page - Analog Devices ADRF6820 Datasheet HTML 16Page - Analog Devices ADRF6820 Datasheet HTML 17Page - Analog Devices ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices ADRF6820 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 16 of 45
LO Frequency and Dividers
The signal coming from the VCO or the external LO inputs
goes through a series of dividers before it is buffered to drive
the active mixers. Two programmable divide-by-two stages
divide the frequency of the incoming signal by 1, 2, or 4 before
reaching the quadrature divider that further divides the signal
frequency by 2 to generate the in-phase and quadrature-phase
LO signals for the mixers. The control bits (Register 0x22,
Bits[4:3]) needed to select the different LO frequency ranges
are listed in Table 10.
Table 10. LO Frequency and Dividers
LO Frequency
Range (MHz)
fVCO/fLO or
fEXTLO/fLO
DIV8_EN
(Register 0x22,
Bit 4)
DIV4_EN
(Register 0x22,
Bit 3)
1425 to 2850
2
0
0
712.5 to 1425
4
0
1
356.25 to 712.5
8
1
1
PLL Frequency Programming
The N divider divides down the differential VCO signal to the
PFD frequency. The N divider can be configured for fractional or
integer mode by addressing the DIV_MODE bit (Register 0x02,
Bit 11). The default configuration is set for fractional mode. Use
the following equations to determine the N value and PLL
frequency:
N
f
f
VCO
PFD
×
=
2
MOD
FRAC
INT
N
+
=
LO_DIVIDER
N
f
f
PFD
LO
×
×
=
2
where:
fPFD is the phase frequency detector frequency.
fVCO is the VCO frequency.
N is the fractional divide ratio (INT + FRAC/MOD).
INT is the integer divide ratio programmed in Register 0x02.
FRAC is the fractional divider programmed in Register 0x03.
MOD is the modulus divide ratio programmed in Register 0x04.
fLO is the LO frequency going to the mixer core when the loop is
locked.
LO_DIVIDER is the final frequency divider ratio that divides
the frequency of the VCO or the external LO signal down by 2,
4, or 8 before it reaches the mixer, as shown in Table 10.
PLL Lock Time
The time it takes to lock the PLL after the last register is written
breaks down into two parts: VCO band calibration and loop
settling.
After writing to the last register, the PLL automatically performs
a VCO band calibration to choose the correct VCO band. This
calibration takes approximately 94,208 PFD cycles. For a 40 MHz
fPFD, this corresponds to 2.36 ms. After calibration completes,
the feedback action of the PLL causes the VCO to lock to the
correct frequency eventually. The speed with which this lock
occurs depends on the nonlinear cycle slipping behavior, as well
as the small signal settling of the loop. For an accurate estimation
of the lock time, download the ADIsimPLL tool to capture these
effects correctly. In general, higher bandwidth loops tend to
lock more quickly than lower bandwidth loops.
The lock detect signal is available as one of the selectable outputs
through the MUXOUT pin, with a logic high signifying that the
loop is locked. The control for the MUXOUT pin is located in
the REF_MUX_SEL bits (Register 0x21, Bits[6:4]), and the
default configuration is for PLL lock detect.
Buffered LO Outputs
A buffered version of the internal LO signal is available
differentially at the LOOUT+ and LOOUT− pins (Pin 17 and
Pin 18). When the quadrature LO signals are generated using
the quadrature divider, the output signal is available at either 2×
or 1× the frequency of the LO signal at the mixer. Set the output
to different drive levels by accessing the LO_DRV_LVL bits
(Register 0x22, Bits[7:6]), as shown in Table 11.
The availability of the LO signal makes it possible to daisy-chain
many devices synchronously. One ADRF6820 device can serve
as the master where the LO signal is sourced, and the subsequent
slave devices share the same LO output signal from the master.
This flexibility substantially eases the LO requirements of a
system requiring multiple LOs.
Table 11. LO Output Level
LO_DRV_LVL
(Register 0x22, Bits[7:6])
Amplitude (dBm)
DC Level (V)
00
−5
3.0
01
−1
2.85
10
+2
2.7
11
+4
2.5
External LO Mode
Use the VCO_SEL bits (Register 0x22, Bits[2:0]) to select external
or internal LO mode. To configure for external LO mode, set
Register 0x22, Bits[2:0] to 4 decimal and apply the differential LO
signals to Pin 34 (LOIN−) and Pin 35 (LOIN+). The external LO
frequency range is 350 MHz to 6 GHz. When the polyphase phase
splitter is selected, a 1× LO signal is required for the active mixer,
or a 2× LO signal can be used with the internal quadrature
divider, as shown in Table 9.
The LOIN+ and LOIN− input pins must be ac-coupled. When
not in use, leave the LOIN+ and LOIN− pins unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com