Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6820 Datasheet HTML 1Page - Analog Devices ADRF6820 Datasheet HTML 2Page - Analog Devices ADRF6820 Datasheet HTML 3Page - Analog Devices ADRF6820 Datasheet HTML 4Page - Analog Devices ADRF6820 Datasheet HTML 5Page - Analog Devices ADRF6820 Datasheet HTML 6Page - Analog Devices ADRF6820 Datasheet HTML 7Page - Analog Devices ADRF6820 Datasheet HTML 8Page - Analog Devices ADRF6820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
695 MHz to 2700 MHz, Quadrature Demodulator
with Integrated Fractional-N PLL and VCO
Data Sheet
ADRF6820
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I/Q demodulator with integrated fractional-N PLL
RF input frequency range: 695 MHz to 2700 MHz
Internal LO frequency range: 356.25 MHz to 2850 MHz
Input P1dB: 14.5 dBm at 1900 MHz RF
Input IP3: 35 dBm at 1900 MHz RF
Programmable HD3/IP3 trim
Single pole, double throw (SPDT) RF input switch
RF digital step attenuation range: 0 dB to 15 dB
Integrated RF tunable balun for single-ended 50 Ω input
Multicore integrated VCO
Demodulated 1 dB bandwidth: 600 MHz
Demodulated 3 dB bandwidth: 1400 MHz
4 selectable baseband gain and bandwidth modes
Digital programmable LO phase offset and dc nulling
Programmable via 3-wire serial port interface (SPI)
40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Cellular W-CDMA/GSM/LTE
Digital predistortion (DPD) receivers
Microwave point-to-point radios
FUNCTIONAL BLOCK DIAGRAM
DC/PHASE
CORRECTION
DC/PHASE
CORRECTION
SERIAL PORT
INTERFACE
15
14
13
24
2
3
8
9
23 25 26 28 38
VPOS_3P3
DECL1 TO
DECL4
21
11
19
30
31
36
27
33
40
10
1
VPOS_5V
LDO
VCO
LDO
2.5V
RFIN0
RFIN1
29
22
POLYPHASE
FILTER
LOIN–
REFIN
LOIN+
I+
I–
Q–
Q+
QUAD
DIVIDER
PLL
34
39
35
5
4
7
6
Figure 1.
GENERAL DESCRIPTION
The ADRF6820 is a highly integrated demodulator and synthesizer
ideally suited for next generation communication systems. The
feature rich device consists of a high linearity broadband I/Q
demodulator, an integrated fractional-N phase-locked loop (PLL),
and a low phase noise multicore, voltage controlled oscillator
(VCO). The ADRF6820 also integrates a 2:1 RF switch, an on-chip
tunable RF balun, a programmable RF attenuator, and two low
dropout (LDO) regulators. This highly integrated device fits
within a small 6 mm × 6 mm footprint.
The high isolation 2:1 RF switch and on-chip tunable RF balun
enable the ADRF6820 to support two single-ended, 50 Ω
terminated RF inputs. A programmable attenuator ensures
an optimal differential RF input level to the high linearity
demodulator core. The integrated attenuator offers an
attenuation range of 0 dB to 15 dB with a step size of 1 dB.
The ADRF6820 offers two alternatives for generating the
differential local oscillator (LO) input signal: externally via a
high frequency, low phase noise LO signal or internally via the
on-chip fractional-N synthesizer. The integrated synthesizer
enables continuous LO coverage from 356.25 MHz to 2850 MHz.
The PLL reference input can support a wide frequency range
because the divide or multiplication blocks can increase or
decrease the reference frequency to the desired value before it
is passed to the phase frequency detector (PFD).
When selected, the output of the internal fractional-N synthesizer
is applied to a divide-by-2 quadrature phase splitter. From the
external LO path, a 1× LO signal can be applied to the built-in
polyphase filter, or a 2× LO signal can be used with the divide-
by-2 quadrature phase splitter to generate the quadrature LO
inputs to the mixers.
The ADRF6820 is fabricated using an advanced silicon-germanium
BiCMOS process. It is available in a 40-lead, RoHS-compliant,
6 mm × 6 mm LFCSP package with an exposed paddle.
Performance is specified over the −40°C to +85°C temperature
range.


Similar Part No. - ADRF6820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821-EVALZ AD-ADRF6821-EVALZ Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821ACPZ AD-ADRF6821ACPZ Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
ADRF6821ACPZ-RL7 AD-ADRF6821ACPZ-RL7 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results

Similar Description - ADRF6820

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
Internal Frequency Compensation
logo
Integrated Device Techn...
XLP IDT-XLP Datasheet
299Kb / 11P
Frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
logo
Maxim Integrated Produc...
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com