Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 6Page - Analog Devices ADRF6820 Datasheet HTML 7Page - Analog Devices ADRF6820 Datasheet HTML 8Page - Analog Devices ADRF6820 Datasheet HTML 9Page - Analog Devices ADRF6820 Datasheet HTML 10Page - Analog Devices ADRF6820 Datasheet HTML 11Page - Analog Devices ADRF6820 Datasheet HTML 12Page - Analog Devices ADRF6820 Datasheet HTML 13Page - Analog Devices ADRF6820 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 10 of 45
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
640
1140
1640
2140
2640
LO FREQUENCY (MHz)
LO_DRV_LVL = 11
LO_DRV_LVL = 00
LO DRIVER DISABLED
TA = –40°C
TA = +25°C
TA = +85°C
EXTERNAL LO
INTERNAL LO
Figure 10. LO to RF Feedthrough vs. LO Frequency
–70
–60
–50
–40
–30
–20
–10
0
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2700
FREQUENCY (MHz)
EXTERNAL LO
INTERNAL LO
RF FEEDTHROUGH
LO FEEDTHROUGH
Figure 11. RF and LO Feedthrough to IF Output, RF Input = −5 dBm
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2700 2800
RF FREQUENCY (MHz)
RFIN0 TO RFIN1
RFIN1 TO RFIN0
Figure 12. Switch Isolation vs. RF Frequency
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
640
890
1140
1390
1640
1890
2140
2390
2640
LO FREQUENCY (MHz)
Figure 13. I/Q Amplitude Mismatch vs. LO Frequency
–92
–91
–90
–89
–88
–87
640
890
1140
1390
1640
1890
2140
2390
2640
LO FREQUENCY (MHz)
Figure 14. Quadrature Phase Mismatch vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com