Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 28Page - Analog Devices ADRF6820 Datasheet HTML 29Page - Analog Devices ADRF6820 Datasheet HTML 30Page - Analog Devices ADRF6820 Datasheet HTML 31Page - Analog Devices ADRF6820 Datasheet HTML 32Page - Analog Devices ADRF6820 Datasheet HTML 33Page - Analog Devices ADRF6820 Datasheet HTML 34Page - Analog Devices ADRF6820 Datasheet HTML 35Page - Analog Devices ADRF6820 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
ADRF6820
Data Sheet
Rev. C | Page 32 of 45
Address: 0x02, Reset: 0x002C, Name: INT_DIV
Table 20. Bit Descriptions for INT_DIV
Bits
Bit Name
Settings
Description
Reset
Access
11
DIV_MODE
Divide mode
0x0
RW
0
Fractional
1
Integer
[10:0]
INT_DIV
Set divider INT value
0x2C
RW
Integer mode range: 21 to 123
Fractional mode range: 24 to 119
Address: 0x03, Reset: 0x0128, Name: FRAC_DIV
Table 21. Bit Descriptions for FRAC_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
FRAC_DIV
Set divider FRAC value
0x128
RW
Address: 0x04, Reset: 0x0600, Name: MOD_DIV
Table 22. Bit Descriptions for MOD_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
MOD_DIV
Set divider MOD value
0x600
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com