Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6820 Datasheet HTML 1Page - Analog Devices ADRF6820 Datasheet HTML 2Page - Analog Devices ADRF6820 Datasheet HTML 3Page - Analog Devices ADRF6820 Datasheet HTML 4Page - Analog Devices ADRF6820 Datasheet HTML 5Page - Analog Devices ADRF6820 Datasheet HTML 6Page - Analog Devices ADRF6820 Datasheet HTML 7Page - Analog Devices ADRF6820 Datasheet HTML 8Page - Analog Devices ADRF6820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 5 of 45
SYNTHESIZER/PLL SPECIFICATIONS
VPOS_5V = 5 V, VPOS_3P3 = 3.3 V, ambient temperature (TA) = 25°C, fREF = 153.6 MHz, fREF power = 4 dBm, fPFD = 38.4 MHz, loop filter
bandwidth = 20 kHz, measured at LO output, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PLL REFERENCE
Frequency
12
320
MHz
Amplitude
4
14
dBm
PLL Step Size1
PFD = 30.72 MHz
468.76
Hz
PLL Lock Time2
PFD = 30.72 MHz, charge pump = 500 µA,
loop bandwidth = 40 kHz, antibacklash delay = 0.5 ns,
charge pump bleed current = 78.125 µA down
5
ms
PFD FREQUENCY
24
40
MHz
INTERNAL VCO RANGE
2850
5700
MHz
REFERENCE SPURS
fREF = 153.6 MHz, fPFD = 38.4 MHz, fLO = 1809.6 MHz
fPFD/4
<−100
dBc
fPFD/2
<−100
dBc
fPFD × 1
−90.67
dBc
fPFD × 2
−95
dBc
fPFD × 3
−97
dBc
fPFD × 4
<−100
dBc
fPFD × 5
<−100
dBc
INTEGRATED PHASE NOISE3
1 kHz to 40 MHz integration bandwidth, PFD = 38.4 MHz,
fREF = 153.6 MHz, divide by 4, charge pump = 250 µA,
loop bandwidth = 20 kHz, antibacklash delay = 0 ns,
charge pump bleed current = 46.8 µA down,
LO frequency = 1562.5 MHz
0.6
°rms
CLOSED-LOOP PERFORMANCE
fLO = 1809.6, fREF = 153.6 MHz, fPFD = 38.4 MHz
20 kHz Loop Filter
10 kHz offset
−94.7
dBc/Hz
20 kHz offset
−95.8
dBc/Hz
100 kHz offset
−113
dBc/Hz
200 kHz offset
−122.4
dBc/Hz
600 kHz offset
−136.5
dBc/Hz
1 MHz offset
−141.5
dBc/Hz
10 MHz offset
−153.3
dBc/Hz
40 MHz offset
−154.6
dBc/Hz
1
Minimum PLL step size is a function of PFD. Value shown is based on PFD = 30.72 MHz, LO_DIV = 2, and the formula fPFD/65535 × 2/LO_DIV.
2
Lock time is defined as the time it takes from the end of a register write for a change in frequency to the point where the frequency of the output is within 500 Hz of
the intended frequency.
3
Measured with a nominal device with normal supply and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com