Electronic Components Datasheet Search
  English  ▼

X  

ADRF6820 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6820
Description  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 11Page - Analog Devices ADRF6820 Datasheet HTML 12Page - Analog Devices ADRF6820 Datasheet HTML 13Page - Analog Devices ADRF6820 Datasheet HTML 14Page - Analog Devices ADRF6820 Datasheet HTML 15Page - Analog Devices ADRF6820 Datasheet HTML 16Page - Analog Devices ADRF6820 Datasheet HTML 17Page - Analog Devices ADRF6820 Datasheet HTML 18Page - Analog Devices ADRF6820 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 15 of 45
RF ATTENUATOR
The RF digital step attenuator (RFDSA) follows the tunable
balun, and the attenuation range is 0 dB to 15 dB with a step
size of 1 dB. The RFDSA_SEL bits (Register 0x23, Bits[8:5]) in
the DGA_CTL register determine the setting of the RFDSA.
LO GENERATION BLOCK
The ADRF6820 supports the use of both internal and external
LO signals for the mixers. The internal LO is generated by an
on-chip VCO, which is tunable over an octave frequency range
of 2850 MHz to 5700 MHz. The output of the VCO is phase
locked to an external reference clock through a fractional-N
PLL that is programmable through the SPI control registers.
To produce in-phase and quadrature phase LO signals over the
356.25 MHz to 2850 MHz frequency range to drive the mixers,
steer the VCO outputs through a combination of frequency
dividers, as shown in Figure 32.
Alternatively, an external signal can be used with the dividers or
a polyphase phase splitter to generate the LO signals in quadrature
to the mixers. In demanding applications that require the lowest
possible phase noise performance, it may be necessary to source
the LO signal externally. The different methods in quadrature
LO generation and the control register programming needed
are listed in Table 9.
Internal LO Mode
For internal LO mode, the ADRF6820 uses the on-chip PLL and
VCO to synthesize the frequency of the LO signal. The PLL,
shown in Figure 32, consists of a reference path, phase and
frequency detector (PFD), charge pump, and a programmable
integer divider with prescaler. The reference path takes in a
reference clock and divides it down by a factor of 2, 4, or 8 or
multiplies it by a factor of 1 or a factor of 2, and then passes it to
the PFD. The PFD compares this signal to the divided down
signal from the VCO. Depending on the PFD polarity selected,
the PFD sends an up/down signal to the charge pump if the
VCO signal is slow/fast compared to the reference frequency.
The charge pump sends a current pulse to the off-chip loop
filter to increase or decrease the tuning voltage (VTUNE).
The ADRF6820 integrates four VCO cores covering an octave
range of 2.85 GHz to 5.7 GHz.
Table 9 lists the frequency range covered by each VCO. The
desired VCO can be selected by addressing the VCO_SEL bits
(Register 0x22, Bits[2:0]).
+
PFD
CHARGE
PUMP
QUAD
DIVIDER
CP
÷2
N = INT +
FRAC
MOD
POLYPHASE
FILTER
÷1, ÷2,
÷4
LOIN–
VTUNE
EXTERNAL
LOOP
FILTER
LPF
LOIN+
VCO_SEL
REG 0x22[2:0]
DIV8 _EN/
DIV4_EN
REG 0x22[4:3]
DIV_MODE: REG 0x02[11]
INT_DIV: REG 0x02[10:0]
FRAC_DIV: REG 0x03[15:0]
MOD_DIV: REG 0x04[15:0]
CP_CTRL
REG 0x20[13:0]
×1
×2
÷8
÷4
÷2
REFIN
REFSEL
REG 0x21[2:0]
PFD_POLARITY
REG 0x21[3]
TO MIXER
I+
I–
Q+
Q–
QUAD_DIV_EN
REG 0x01[9]
35
37
39
32
34
Figure 32. LO Generation Block Diagram
Table 9. LO Mode Selection
LO Selection
fVCO or fEXT (GHz)
Quadrature Generation
QUAD_DIV_EN,
Register 0x01[9]
LO Enables,
Register 0x01[6:0]
VCO_SEL,
Register 0x22[2:0]
Internal (VCO)
2.85 to 3.5
Divide by 2
1
111 111X
011
3.5 to 4.02
Divide by 2
1
111 111X
010
4.02 to 4.6
Divide by 2
1
111 111X
001
4.6 to 5.7
Divide by 2
1
111 111X
000
External (2× LO)
0.7 to 6.0
Divide by 2
1
101 000X
1XX
External (1× LO)
0.35 to 3.5
Polyphase
0
000 000X
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com