Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 31Page - Analog Devices AD9144-EBZ Datasheet HTML 32Page - Analog Devices AD9144-EBZ Datasheet HTML 33Page - Analog Devices AD9144-EBZ Datasheet HTML 34Page - Analog Devices AD9144-EBZ Datasheet HTML 35Page - Analog Devices AD9144-EBZ Datasheet HTML 36Page - Analog Devices AD9144-EBZ Datasheet HTML 37Page - Analog Devices AD9144-EBZ Datasheet HTML 38Page - Analog Devices AD9144-EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 34 of 125
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The AD9144 has eight JESD204B data ports that receive data.
The eight JESD204B ports can be configured as part of a single
JESD204B link or as part of two separate JESD204B links (dual-
link mode) that share a single system reference (SYSREF±) and
device clock (CLK±).
The JESD204B serial interface hardware consists of three layers:
the physical layer, the data link layer, and the transport layer.
These sections of the hardware are described in subsequent
sections, including information for configuring every aspect of
the interface. Figure 35 shows the communication layers
implemented in the AD9144 serial data interface to recover the
clock and deserialize, descramble, and deframe the data before it
is sent to the digital signal processing section of the device.
The physical layer is responsible for establishing a reliable channel
between the transmitter and the receiver, the data link layer is
responsible for unpacking the data into octets and descrambling
the data, and the transport layer receives the descrambled
JESD204B frames and converts them to DAC samples.
There are a number of JESD204B parameters (L, F, K, M, N, NP,
S, HD, and Scrambling) that define how the data is packed and
tell the device how to turn the serial data into samples. These
parameters are defined in detail in the Transport Layer section.
Only certain combinations of parameters are supported. Each
supported combination is called a mode. In total, there are 10
single-link modes supported by the AD9144, as described in
Table 35. In dual-link mode, there are six supported modes, as
described in Table 36. Each of these tables shows the associated
clock rates when the lane rate is 10 Gbps.
For a particular application, the number of converters to use
(M) and the DataRate are known. The LaneRate and number of
lanes (L) can be traded off as follows:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where LaneRate must be between 1.44 Gbps and 10.64 Gbps.
Achieving and recovering synchronization of the lanes is very
important. To simplify the interface to the transmitter, the
AD9144 designates a master synchronization signal for each
JESD204B link. In single-link mode, SYNCOUT0± is used as the
master signal for all lanes; in dual-link mode, SYNCOUT0± is used
as the master signal for Link 0, and SYNCOUT1± is used as the
master signal for Link 1. If any lane in a link loses synchronization,
a resynchronization request is sent to the transmitter via the
synchronization signal of the link. The transmitter stops sending
data and instead sends synchronization characters to all lanes in
that link until resynchronization is achieved.
DESERIALIZER
DATA LINK
LAYER
TRANSPORT
LAYER
SERDIN0±
SYSREF±
SERDIN7±
DUAL A I DATA[15:0]
DUAL A Q DATA[15:0]
DUAL B Q DATA[15:0]
DUAL B I DATA[15:0]
TO
DAC
SYNCOUT1±
SYNCOUT0±
PHYSICAL
LAYER
DESERIALIZER
FRAME TO
SAMPLES
QBD/
DESCRAMBLER
Figure 35. Functional Block Diagram of Serial Link Receiver
Table 35. Single-Link JESD204B Operating Modes
Mode
Parameter
0
1
2
3
4
5
6
7
9
10
M (Converter Counts)
4
4
4
4
2
2
2
2
1
1
L (Lane Counts)
8
8
4
2
4
4
2
1
2
1
S (Samples per Converter per Frame)
1
2
1
1
1
2
1
1
1
1
F (Octets per Frame per Lane)
1
2
2
4
1
2
2
4
1
2
Example Clocks for 10 Gbps Lane Rate
PClock (MHz)
250
250
250
250
250
250
250
250
250
250
Frame Clock (MHz)
1000
500
500
250
1000
500
500
250
1000
500
Sample Clock (MHz)
1000
1000
500
250
1000
1000
500
250
1000
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com