Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 12Page - Analog Devices AD9144-EBZ Datasheet HTML 13Page - Analog Devices AD9144-EBZ Datasheet HTML 14Page - Analog Devices AD9144-EBZ Datasheet HTML 15Page - Analog Devices AD9144-EBZ Datasheet HTML 16Page - Analog Devices AD9144-EBZ Datasheet HTML 17Page - Analog Devices AD9144-EBZ Datasheet HTML 18Page - Analog Devices AD9144-EBZ Datasheet HTML 19Page - Analog Devices AD9144-EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Data Sheet
AD9144
Rev. A | Page 15 of 125
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation of the actual analog output from
the ideal output, determined by a straight line drawn from zero
scale to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Offset Error
Offset error is the deviation of the output current from the ideal
of 0 mA. For OUTx+, 0 mA output is expected when all inputs
are set to 0. For OUTx−, 0 mA output is expected when all
inputs are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between
the output when the input is at its minimum code and the
output when the input is at its maximum code.
Output Compliance Range
The output compliance range is the range of allowable voltages
at the output of a current output DAC. Operation beyond the
maximum compliance limits can cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Temperature Drift
Offset drift is a measure of how far from full-scale range (FSR)
the DAC output current is at 25°C (in ppm). Gain drift is a
measure of the slope of the DAC output current across its full
ambient operating temperature range, TA, (in ppm/°C).
Power Supply Rejection (PSR)
PSR is the maximum change in the full-scale output as the supplies
are varied from minimum to maximum specified voltages.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band around its final value,
measured from the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the peak amplitude
of the output signal and the peak spurious signal within the dc
to Nyquist frequency of the DAC. Typically, energy in this band
is rejected by the interpolation filters. This specification,
therefore, defines how well the interpolation filters work and
the effect of other parasitic coupling paths on the DAC output.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc. The value
for SNR is expressed in decibels.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of
fDATA (interpolation rate), a digital filter can be constructed that
has a sharp transition band near fDATA/2. Images that typically
appear around fDAC (output data rate) can be greatly suppressed.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in decibels relative to the carrier (dBc)
between the measured power within a channel relative to
its adjacent channel.
Complex Image Rejection
In a traditional two part upconversion, two images are created
around the second IF frequency. These images have the effect
of wasting transmitter power and system bandwidth. By placing
the real part of a second complex modulator in series with the
first complex modulator, either the upper or lower frequency
image near the second IF can be rejected.
Adjusted DAC Update Rate
The adjusted DAC update rate is defined as the DAC update
rate divided by the smallest interpolating factor. For clarity on
DACs with multiple interpolating factors, the adjusted DAC
update rate for each interpolating factor may be given.
Physical Lane
Physical Lane x refers to SERDINx±.
Logical Lane
Logical Lane x refers to physical lanes after optionally being
remapped by the crossbar block (Register 0x308 to
Register 0x30B).
Link Lane
Link Lane x refers to logical lanes considered per link. When
paging Link 0 (Register 0x300[2] = 0), Link Lane x = Logical
Lane x. When paging Link 1 (Register 0x300[2] = 1, dual-link
only), Link Lane x = Logical Lane x + 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com