Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 39Page - Analog Devices AD9144-EBZ Datasheet HTML 40Page - Analog Devices AD9144-EBZ Datasheet HTML 41Page - Analog Devices AD9144-EBZ Datasheet HTML 42Page - Analog Devices AD9144-EBZ Datasheet HTML 43Page - Analog Devices AD9144-EBZ Datasheet HTML 44Page - Analog Devices AD9144-EBZ Datasheet HTML 45Page - Analog Devices AD9144-EBZ Datasheet HTML 46Page - Analog Devices AD9144-EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 42 of 125
To avoid this common-mode current draw, a 50% duty-cycle
periodic SYSREF± signal can be used with ac coupling capacitors.
If ac-coupled, the ac coupling capacitors combine with the
resistors shown in Figure 45 to make a high-pass filter with RC
time constant τ = RC. Select C such that τ > 4/SYSREF Freq.
In addition, the edge rate must be sufficiently fast—at least
1.3 V/ns is recommended per Table 5—to meet the SYSREF vs.
DAC clock keep out window (KOW) requirements.
It is possible to use ac-coupled mode without meeting the
frequency to time-constant constraint mentioned by using
SYSREF hysteresis (Register 0x081 and Register 0x082).
However, this increases the DAC clock KOW (Table 5 does not
apply) by an amount depending on SYSREF frequency, level of
hysteresis, capacitor choice, and edge rate.
3kΩ
~600mV
1.2V
SYSREF+
SYSREF–
3kΩ
Figure 45. SYSREF± Input Circuit
Sync Processing Modes Overview
The AD9144 supports various LMFC sync processing modes.
These modes are one-shot, continuous, windowed continuous,
and monitor modes. All sync processing modes perform a
phase check to see that the LMFC is phase aligned to an
alignment edge. In Subclass 1, the SYSREF pulse acts as the
alignment edge; in Subclass 0, an internal processing clock acts
as the alignment edge. If the signals are not in phase, a clock
rotation occurs to align the signals. The sync modes are
described in the following sections. See the Sync Procedure
section for details on the procedure for syncing the LMFC
signals.
One-Shot Sync Mode (SYNCMODE = 0x1)
In one-shot sync mode, a phase check occurs on only the first
alignment edge that is received after the sync machine is armed.
If the phase error is larger than a specified window error
tolerance, a phase adjustment occurs. Though an LMFC
synchronization occurs only once, the SYSREF signal can
still be continuous.
Continuous Sync Mode (SYNCMODE = 0x2)
Continuous mode must only be used in Subclass 1 with a periodic
SYSREF± signal. In continuous mode, a phase check/alignment
occurs on every alignment edge.
Continuous mode differs from one-shot mode in two ways.
First, no SPI cycle is required to arm the device; the alignment
edge seen after continuous mode is enabled results in a phase
check. Second, a phase check (and when necessary, clock rotation)
occurs on every alignment edge in continuous mode. The one
caveat to the previous statement is that when a phase rotation cycle
is underway, subsequent alignment edges are ignored until the
logic lane is ready again.
The maximum acceptable phase error (in DAC clock cycles)
between the alignment edge and the LMFC edge is set in the
error window tolerance register. If continuous sync mode is
used with a nonzero error window tolerance, a phase check
occurs on every SYSREF pulse, but an alignment occurs only if
the phase error is greater than the specified error window
tolerance. If the jitter of the SYSREF± signal violates the KOW
specification given in Table 5 and therefore causes phase error
uncertainty, the error tolerance can be increased to avoid
constant clock rotations. Note that this means the latency is less
deterministic by the size of the window. If the error window
tolerance must be set above 3, Subclass 0 with a one-shot sync is
recommended.
For debug purposes, SYNCARM (Register 0x03A[6]) can be
used to inform the user that alignment edges are being received
in continuous mode. Because the SYNCARM bit is self cleared
after an alignment edge is received, the user can arm the sync
(SYNCARM (Register 0x03A[6]) = 1), and then read back
SYNCARM. If SYNCARM = 0, the alignment edges are being
received and phase checks are occurring. Arming the sync
machine in this mode does not affect the operation of the
device.
One-Shot then Monitor Sync Mode (SYNCMODE = 0x9)
In one-shot then monitor mode, the user can monitor the phase
error in real time. Use this sync mode with a periodic SYSREF±
signal. A phase check and alignment occurs on the first alignment
edge received after the sync machine is armed. On all subsequent
alignment edges the phase is monitored and reported, but no clock
phase adjustment occurs.
The phase error can be monitored on the SYNC_CURRERR_L
register (Register 0x03C[3:0]). Immediately after an alignment
occurs, CURRERR = 0 indicates that there is no difference
between the alignment edge and the LMFC edge. On every
subsequent alignment edge, the phase is checked. If the
alignment is lost, the phase error is reported in the SYNC_
CURRERR_L register in DAC clock cycles. If the phase error is
beyond the selected window tolerance (Register 0x034[2:0]),
one bit of Register 0x03D[7:6] is set high depending on whether
the phase error is on the low or high side.
When an alignment occurs, snapshots of the last phase error
(Register 0x03C[3:0]) and the corresponding error flags
(Register 0x03D[7:6]) are placed into readable registers for
reference (Register 0x038 and Register 0x039, respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com