Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 60Page - Analog Devices AD9144-EBZ Datasheet HTML 61Page - Analog Devices AD9144-EBZ Datasheet HTML 62Page - Analog Devices AD9144-EBZ Datasheet HTML 63Page - Analog Devices AD9144-EBZ Datasheet HTML 64Page - Analog Devices AD9144-EBZ Datasheet HTML 65Page - Analog Devices AD9144-EBZ Datasheet HTML 66Page - Analog Devices AD9144-EBZ Datasheet HTML 67Page - Analog Devices AD9144-EBZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Data Sheet
AD9144
Rev. A | Page 63 of 125
Configuration Mismatch IRQ
The AD9144 has a configuration mismatch flag that is available
as an IRQ event. Use Register 0x47B[3] to enable the mismatch
flag (it is enabled by default), and then use Register 0x47B[4] to
read back its status and reset the IRQ signal. See the Interrupt
Request Operation section for more information.
The configuration mismatch event flag is high when the link
configuration settings (in Register 0x450 to Register 0x45D) do
not match the JESD204B transmitted settings (Register 0x400 to
Register 0x40D). All these registers are paged per link (in
Register 0x300).
Note that this function is different from the good checksum
flags in Register 0x472. The good checksum flags ensure that
the transmitted checksum matches a calculated checksum based
on the transmitted settings. The configuration mismatch event
ensures that the transmitted settings match the configured settings.
HARDWARE CONSIDERATIONS
Power Supply Recommendations
The power supply domains are described in Table 64. The
power supplies can be grouped into separate PCB domains,
as show in Figure 63. All the AD9144 supply domains must
remain as noise free as possible for the best operation. Power
supply noise has a frequency component that affects performance,
and is specified in terms of V rms. Figure 64 shows the
recommended power supply components.
An LC filter on the output of the power supply is recommended
to attenuate the noise, and must be placed as close to the AD9144
as possible. An effective filter is shown in Figure 63. This filter
scheme reduces high frequency noise components. Each of the
power supply pins of the AD9144 must also have a 0.1 μF capacitor
connected to the ground plane, as shown in Figure 63. Place the
capacitor as close to the supply pin as possible. Adjacent power
pins can share a bypass capacitor. Connect the ground pins of
the AD9144 to the ground plane using vias.
Power and Ground Planes
Solid ground planes are recommended to avoid ground loops
and to provide a solid, uninterrupted ground reference for the
high speed transmission lines that require controlled impedances.
Do not use segmented power planes as a reference for controlled
impedances unless the entire length of the controlled impedance
trace traverses across only a single segmented plane. These and
additional guidelines for the topology of high speed transmission
lines are described in the JESD204B Serial Interface Inputs
(SERDIN0± to SERDIN7±) section.
Table 64. Power Supplies
Supply Domain
Voltage (V)
Circuitry
DVDD121
1.2
Digital core
PVDD122
1.2
DAC PLL
SVDD123
1.2
JESD204B receiver interface
CVDD121
1.2
DAC clocking
IOVDD
1.8
SPI interface
VTT4
1.2
VTT
SIOVDD33
3.3
Sync LVDS transmit
AVDD33
3.3
DAC
1 This supply requires a 1.3 V supply when operating at maximum DAC sample
rates. See Table 3 for details.
2 This supply can be combined with CVDD12 on the same regulator with a
separate supply filter network and sufficient bypass capacitors near the pins.
3 This supply requires a 1.3 V supply when operating at maximum interface
rates. See Table 4 for details.
4 This supply can be connected to SVDD12 and does not need separate
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com