Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 35Page - Analog Devices AD9144-EBZ Datasheet HTML 36Page - Analog Devices AD9144-EBZ Datasheet HTML 37Page - Analog Devices AD9144-EBZ Datasheet HTML 38Page - Analog Devices AD9144-EBZ Datasheet HTML 39Page - Analog Devices AD9144-EBZ Datasheet HTML 40Page - Analog Devices AD9144-EBZ Datasheet HTML 41Page - Analog Devices AD9144-EBZ Datasheet HTML 42Page - Analog Devices AD9144-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 38 of 125
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
5.0
7.5
2.5
AD9144 ALLOWED
CHANNEL LOSS
(LOW POWER MODE)
JESD204B SPEC ALLOWED
CHANNEL LOSS
EXAMPLE OF
JESD204B
COMPLIANT
CHANNEL
EXAMPLE OF
AD9144
COMPATIBLE
CHANNEL (LOW
POWER MODE)
EXAMPLE OF
AD9144
COMPATIBLE
CHANNEL
(NORMAL MODE)
AD9144 ALLOWED
CHANNEL LOSS
(NORMAL MODE)
Figure 39. Insertion Loss Allowed
–40
–35
–30
–25
–20
–15
–10
–5
0
0123456789
10
FREQUENCY (GHz)
STRIPLINE = 6”
STRIPLINE = 10”
STRIPLINE = 15”
STRIPLINE = 20”
STRIPLINE = 25”
STRIPLINE = 30”
Figure 40. Insertion Loss of 50 Ω Striplines on FR4
–40
–35
–30
–25
–20
–15
–10
–5
0
012
3
45678
9
10
FREQUENCY (GHz)
6” MICROSTRIP
10” MICROSTRIP
15” MICROSTRIP
20” MICROSTRIP
25” MICROSTRIP
30” MICROSTRIP
Figure 41. Insertion Loss of 50 Ω Microstrips on FR4
DATA LINK LAYER
The data link layer of the AD9144 JESD204B interface accepts
the deserialized data from the PHYs and deframes and descrambles
them so that data octets are presented to the transport layer to
be put into DAC samples. Figure 42 shows the link mode block
diagrams for single-link and dual-link configurations and the
interaction between the physical layer and logical layer. The
logical lanes and DACs can only be configured in sequential
order; for example in Mode 10, when in single-link mode, the
AD9144 only uses Logical Lane 0 and DAC0, and in dual-link
mode, only uses Logical Lane 0, Logical Lane 1 and DAC0,
DAC1. See the Mode Configuration Maps section for further
details on each of the mode configurations supported. The
architecture of the data link layer is shown in Figure 43. The
data link layer consists of a synchronization FIFO for each lane,
a crossbar switch, a deframer, and descrambler.
The AD9144 can operate as a single-link or dual-link high
speed JESD204B serial data interface. When operating in dual-
link mode, configure both links with the same JESD204B
parameters because they share a common device clock and system
reference. All eight lanes of the JESD204B interface handle link
layer communications such as code group synchronization,
frame alignment, and frame synchronization.
The AD9144 decodes 8-bit/10-bit control characters, allowing
marking of the start and end of the frame and alignment between
serial lanes. Each AD9144 serial interface link can issue a
synchronization request by setting its SYNCOUT0±/SYNCOUT1±
signal low. The synchronization protocol follows Section 4.9 of the
JESD204B standard. When a stream of four consecutive /K/
symbols is received, the AD9144 deactivates the synchronization
request by setting the SYNCOUT0±/SYNCOUT1± signal high
at the next internal LMFC rising edge. Then, it waits for the
transmitter to issue an ILAS. During the ILAS sequence, all
lanes are aligned using the /A/ to /R/ character transition as
described in the JESD204B Serial Link Establishment section.
Elastic buffers hold early arriving lane data until the alignment
character of the latest lane arrives. At this point, the buffers for
all lanes are released and all lanes are aligned (see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com