Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 25Page - Analog Devices AD9144-EBZ Datasheet HTML 26Page - Analog Devices AD9144-EBZ Datasheet HTML 27Page - Analog Devices AD9144-EBZ Datasheet HTML 28Page - Analog Devices AD9144-EBZ Datasheet HTML 29Page - Analog Devices AD9144-EBZ Datasheet HTML 30Page - Analog Devices AD9144-EBZ Datasheet HTML 31Page - Analog Devices AD9144-EBZ Datasheet HTML 32Page - Analog Devices AD9144-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 28 of 125
STEP 6: OPTIONAL ERROR MONITORING
For JESD204B error monitoring, see the JESD204B Error
Monitoring section. For other error checks, see the Interrupt
Request Operation section.
STEP 7: OPTIONAL FEATURES
There are a number of optional features that can be enabled.
Table 22 provides links to the sections describing each feature.
These features can be enabled during the digital datapath
configuration step or after the link is set up, because it is not
required to configure them for the link to be established, unlike
interpolation. Unless otherwise noted, these features are paged
as described in the Dual Paging section. Paging is particularly
important for dual specific settings like digital gain, phase adjust,
and dc offset.
Table 22. Optional Features
Feature
Default
Description
Digital
Modulation
Off
Modulates the data with a desired
carrier. See the Digital Modulation
section.
Inverse Sinc
On
Improves pass-band flatness. See
the Inverse Sinc section.
Digital Gain
2.7 dB
Multiplies data by a factor. Can
compensate inverse sinc usage or
balance I/Q amplitude. See the
Digital Gain section.
Phase Adjust
Off
Used to balance I/Q phase. See the
Phase Adjust section.
DC Offset
Off
Used to cancel LO leakage. See the
DC Offset section.
Group Delay
0
Used to control overall latency. See
the Group Delay section.
Downstream
Protection
Off
Used to protect downstream
components. See the Downstream
Protection section.
Self Calibration
Off
Used to improve DAC linearity. Not
paged by the dual paging register.
See the Self Calibration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com