Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 18Page - Analog Devices AD9144-EBZ Datasheet HTML 19Page - Analog Devices AD9144-EBZ Datasheet HTML 20Page - Analog Devices AD9144-EBZ Datasheet HTML 21Page - Analog Devices AD9144-EBZ Datasheet HTML 22Page - Analog Devices AD9144-EBZ Datasheet HTML 23Page - Analog Devices AD9144-EBZ Datasheet HTML 24Page - Analog Devices AD9144-EBZ Datasheet HTML 25Page - Analog Devices AD9144-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
Data Sheet
AD9144
Rev. A | Page 21 of 125
THEORY OF OPERATION
The AD9144 is a 16-bit, quad DAC with a SERDES interface.
Figure 2 shows a detailed functional block diagram of the
AD9144. Eight high speed serial lanes carry data at a maximum
speed of 10.6 Gbps, and a 1.06 GSPS input data rate to the DACs.
Compared to either LVDS or CMOS interfaces, the SERDES
interface simplifies pin count, board layout, and input clock
requirements to the device.
The clock for the input data is derived from the device clock
(required by the JESD204B specification). This device clock can
be sourced with a PLL reference clock used by the on-chip PLL
to generate a DAC clock or a high fidelity direct external DAC
sampling clock. The device can be configured to operate in one-,
two-, four-, or eight-lane modes, depending on the required
input data rate. To add application flexibility, the quad DAC can
be configured as a dual-link device with each JESD204B link
providing data for a dual DAC pair.
The digital datapath of the AD9144 offers four interpolation
modes (1×, 2×, 4×, and 8×) through three half-band filters with
a maximum DAC sample rate of 2.8 GSPS. An inverse sinc filter
is provided to compensate for sinc related roll-off.
The AD9144 DAC cores provide a fully differential current
output with a nominal full-scale current of 20 mA. The full-scale
current, IOUTFS, is user adjustable to between 13.9 mA and 27.0 mA,
typically. The differential current outputs are complementary and
are optimized for easy integration with the Analog Devices
ADRF6720 AQM. The AD9144 is capable of multichip
synchronization that can both synchronize multiple DACs and
establish a constant and deterministic latency (latency locking)
path for the DACs. The latency for each of the DACs remains
constant from link establishment to link establishment. An
external alignment (SYSREF±) signal makes the AD9144
Subclass 1 compliant. Several modes of SYSREF± signal
handling are available for use in the system.
An SPI configures the various functional blocks and monitors
their statuses. The various functional blocks and the data
interface must be set up in a specific sequence for proper operation
(see the Device Setup Guide section). Simple SPI initialization
routines set up the JESD204B link and are included in the
evaluation board package. The following sections describe the
various blocks of the AD9144 in greater detail. Descriptions of
the JESD204B interface, control parameters, and various registers
to set up and monitor the device are provided. The recommended
start-up routine reliably sets up the data link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com